Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPEAR-09-H022 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPEAR-09-H022
Description  SPEAr Head ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR-09-H022 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPEAR-09-H022 Datasheet HTML 9Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 10Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 11Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 12Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 13Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 14Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 15Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 16Page - STMicroelectronics SPEAR-09-H022 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
SPEAR-09-H022
4 Pin Description
13/55
4
Pin Description
4.1
FUNCTIONAL PIN GROUPS
With reference to
Figure 14. Package schematic - Section 8, here follows the pin list, sorted by
their belonging IP. All supply and ground pins are classified as power signals and gathered in
the
Table 2.
Table 1.
Pin description by functional groups
Group
Signal Name
Ball
Direction
Function
Pin Type
ADC
AIN[0]
V20
Input
ADC analog input channel
Analog buffer,
3.3 V capable
AIN[1]
V19
AIN[2]
V18
AIN[3]
V17
AIN[4]
V16
AIN[5]
V15
AIN[6]
V14
AIN[7]
V12
AIN[8]
V11
AIN[9]
V10
AIN[10]
V9
AIN[11]
V8
AIN[12]
U22
AIN[13]
U21
AIN[14]
U20
AIN[15]
U19
TEST_OUT
V13
Output
ADC output test pad
DEBUG
TEST0
E22
Input
Test configuration port.
For the functional mode they have
to be set to 0
TTL input buffer,
3.3 V capable,
with Pull Down
TEST1
E21
TEST2
D22
TEST3
D21
PLL_BYPASS
Y5
Input
Enable / disable PLL bypass
TTL Schmitt trigger
input buffer,
3.3 V capable
eASIC
eASICGP_IO[0]
G4
I/O
eASIC general purpose IO
TTL bidirectional
buffer,
3.3 V capable,
4 mA drive capability
eASICGP_IO[1]
G3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com