Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTK2012 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK2012
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK2012 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK2012 Datasheet HTML 1Page - First Silicon Co., Ltd FTK2012 Datasheet HTML 2Page - First Silicon Co., Ltd FTK2012 Datasheet HTML 3Page - First Silicon Co., Ltd FTK2012 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2014. 10. 10
1/4
SEMICONDUCTOR
TECHNICAL DATA
FTK2012
Revision No : 0
N-Channel MOSFET
1. DRAIN
2. DRAIN
3. GATE
4. SOURCE
5. DRAIN
6. DRAIN
DFNWB2 ×2-6L-J
V(BR)DSS
RDS(on)MAX
ID
20V
11mΩ@ 4.5V
12A
13mΩ@ 2.5V
16mΩ@1.8V
22mΩ@1.5V
41mΩ@1.2V
FEATURES
APPLICATION
MARKING:
Equivalent Circuit
 TrenchFET Power MOSFET
 Small package DFNWB2×2-6L-J
 Load Switch for Portable Applications
ABSOLUTE MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol Para
meter
Value
Unit
VDS
Drain-Source Voltage
20
V
VGS
Gate-Source Voltage
±10
V
ID
Continuous Drain Current (note 1)
12
A
IDM
Collector Current-Pulse(Note3)
40
A
RθJA
Thermal Resistance from Junction to Ambient (note 2)
167
℃/W
Tj
Junction Temperature
150
Tstg
Storage Temperature
-55~+150
TL
Lead Temperature for Soldering Purposes(1/8’’ from case for 10 s)
260


Similar Part No. - FTK2012

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK2010TSSOP FS-FTK2010TSSOP Datasheet
371Kb / 6P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - FTK2012

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com