Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS17501 Datasheet(PDF) 23 Page - Allegro MicroSystems

Part # ATS17501
Description  Dual Output Differential Speed and Direction Sensor IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS17501 Datasheet(HTML) 23 Page - Allegro MicroSystems

Back Button ATS17501 Datasheet HTML 15Page - Allegro MicroSystems ATS17501 Datasheet HTML 16Page - Allegro MicroSystems ATS17501 Datasheet HTML 17Page - Allegro MicroSystems ATS17501 Datasheet HTML 18Page - Allegro MicroSystems ATS17501 Datasheet HTML 19Page - Allegro MicroSystems ATS17501 Datasheet HTML 20Page - Allegro MicroSystems ATS17501 Datasheet HTML 21Page - Allegro MicroSystems ATS17501 Datasheet HTML 22Page - Allegro MicroSystems ATS17501 Datasheet HTML 23Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Dual Output Differential Speed and Direction Sensor IC
ATS17501
23
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Revision History
Number
Date
Description
–
November 18, 2019
Initial release
1
February 27, 2020
Updated Selection Guide (page 2), Electrical Protection Characteristics names and symbols (page 5),
Operating Air Gap maximum value (page 7)
2
March 19, 2020
Updated Features and Benefits (page 1); removed 50%/50% switch point options (updated Selection
Guide (page 2), Output Current Internal Limiter test conditions (page 5), Operate Point, Release
Point, and Hysteresis characteristics (page 7); removed 50%/50% Dynamic Threshold Option figure
(page 14); updated Output Protocol Options figure (page 16), Startup Hysteresis section (page 19);
removed Hidden Hysteresis (page 20))
For the latest version of this document, visit our website:
www.allegromicro.com
Copyright 2020, Allegro MicroSystems.
Allegro MicroSystems reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit
improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that the
information being relied upon is current.
Allegro’s products are not to be used in any devices or systems, including but not limited to life support devices or systems, in which a failure of
Allegro’s product can reasonably be expected to cause bodily harm.
The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems assumes no responsibility for its use; nor
for any infringement of patents or other rights of third parties which may result from its use.
Copies of this document are considered uncontrolled documents.
Advance Information Datasheet
Subject to Change Without Notice
March 19, 2020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com