Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA2L1 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # RA2L1
Description  Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2L1 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button RA2L1 Datasheet HTML 56Page - Renesas Technology Corp RA2L1 Datasheet HTML 57Page - Renesas Technology Corp RA2L1 Datasheet HTML 58Page - Renesas Technology Corp RA2L1 Datasheet HTML 59Page - Renesas Technology Corp RA2L1 Datasheet HTML 60Page - Renesas Technology Corp RA2L1 Datasheet HTML 61Page - Renesas Technology Corp RA2L1 Datasheet HTML 62Page - Renesas Technology Corp RA2L1 Datasheet HTML 63Page - Renesas Technology Corp RA2L1 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 110 page
background image
2.4
ADC12 Characteristics
VREFH0
5.0
4.0
3.0
2.0
1.0
1.0
2.0
3.0
4.0
5.0
A/D Conversion
Characteristics (2)
ADCSR.ADHSC = 0
5.5
2.7
2.4
2.4 2.7
5.5
AVCC0
VREFH0
5.0
4.0
3.0
2.0
1.0
1.0
2.0
3.0
4.0
5.0
ADCSR.ADHSC = 1
5.5
2.7
2.4
2.4 2.7
5.5
AVCC0
1.8
1.8
A/D Conversion
Characteristics (1)
A/D Conversion
Characteristics (3)
A/D Conversion
Characteristics (4)
A/D Conversion
Characteristics (5)
A/D Conversion
Characteristics (6)
A/D Conversion
Characteristics (7)
1.6
1.6
Figure 2.37
AVCC0 to VREFH0 voltage range
Table 2.35
A/D conversion characteristics (1) in high-speed A/D conversion mode (1 of 2)
Conditions: VCC = AVCC0 = VREFH0 = 4.5 to 5.5 V*5, VSS = AVSS0 = VREFL0 = 0 V
Reference voltage range applied to the VREFH0 and VREFL0.
Parameter
Min
Typ
Max
Unit
Test conditions
PCLKD (ADCLK) frequency
1
—
64
MHz
ADACSR.ADSAC = 0
48
MHz
ADACSR.ADSAC = 1
Analog input capacitance*2
Cs
—
—
9*3
pF
High-precision channel
—
—
10*3
pF
Normal-precision channel
Analog input resistance
Rs
—
—
1.3*3
kΩ
High-precision channel
—
—
5.0*3
kΩ
Normal-precision channel
Analog input voltage range
Ain
0
—
VREFH0
V
—
Resolution
—
—
12
Bit
—
Conversion time*1
(Operation at PCLKD = 64
MHz)
Permissible
signal
source
impedance
Max. = 0.3
kΩ
0.70
(0.211)*4
—
—
µs
High-precision channel
ADCSR.ADHSC = 0
ADSSTRn.SST[7:0] = 0x0D
ADACSR.ADSAC = 0
1.34
(0.852)*4
—
—
µs
Normal-precision channel
ADCSR.ADHSC = 0
ADSSTRn.SST[7:0] = 0x36
ADACSR.ADSAC = 0
Conversion time*1
(Operation at PCLKD = 48
MHz)
Permissible
signal
source
impedance
Max. = 0.3
kΩ
0.67
(0.219)*4
—
—
µs
High-precision channel
ADCSR.ADHSC = 0
ADSSTRn.SST[7:0] = 0x0A
ADACSR.ADSAC = 1
1.29
(0.844)*4
—
—
µs
Normal-precision channel
ADCSR.ADHSC = 0
ADSSTRn.SST[7:0] = 0x28
ADACSR.ADSAC = 1
Offset error
—
±1.0
±4.5
LSB
High-precision channel
±6.0
LSB
Other than specified
Full-scale error
—
±1.0
±4.5
LSB
High-precision channel
±6.0
LSB
Other than specified
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0100 Rev.1.00
Aug 06, 2020
Page 60 of 110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com