Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA4M3AF3CFB Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # R7FA4M3AF3CFB
Description  Armv8-M architecture with the main extension
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M3AF3CFB Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button R7FA4M3AF3CFB Datasheet HTML 26Page - Renesas Technology Corp R7FA4M3AF3CFB Datasheet HTML 27Page - Renesas Technology Corp R7FA4M3AF3CFB Datasheet HTML 28Page - Renesas Technology Corp R7FA4M3AF3CFB Datasheet HTML 29Page - Renesas Technology Corp R7FA4M3AF3CFB Datasheet HTML 30Page - Renesas Technology Corp R7FA4M3AF3CFB Datasheet HTML 31Page - Renesas Technology Corp R7FA4M3AF3CFB Datasheet HTML 32Page - Renesas Technology Corp R7FA4M3AF3CFB Datasheet HTML 33Page - Renesas Technology Corp R7FA4M3AF3CFB Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
Table 2.12
Power consumption of each unit (2 of 2)
Dynamic current/
Leakage current
MCU
Domain
Category
Item
Frequency
[MHz]
Current
[uA/MHz]
Current*1
[mA]
Dynamic current
CPU
Operation with
Flash and SRAM
Coremark
100
86.493
8.65
Peripheral Unit
Timer
GPT16 (4ch)*4
100
3.548
0.35
GPT32 (4ch)*4
100
3.946
0.39
POEG (4 Groups)
50
1.378
0.07
AGT (6ch)*4
50
10.095
0.50
RTC
50
5.239
0.26
WDT
50
0.722
0.04
IWDT
50
0.267
0.01
Communication
interfaces
USBFS
50
8.788
0.44
SCI (6ch)*4
100
18.077
1.81
IIC (2ch)*4
50
3.014
0.15
CAN (2ch)*4
50
3.843
0.19
SPI
100
3.394
0.34
QSPI
100
2.587
0.26
SSIE
50
3.131
0.16
SDHI
50
7.074
0.35
Analog
ADC12 (2 Units)*4
100
4.697
0.47
DAC12 (2ch)*4
100
3.543
0.35
TSN
50
0.166
0.01
Human machine
interfaces
CTSU
50
0.678
0.03
Event link
ELC
50
1.016
0.05
Security
SCE9
100
218.100
21.81
Data processing
CRC
100
0.521
0.05
DOC
100
0.358
0.04
System
CAC
50
0.909
0.05
DMA
DMAC
100
5.180
0.52
DTC
100
3.792
0.38
Note 1. The values are guaranteed by design.
Note 2. LDO and Leak are internal voltage regulator’s current and MCU’s leakage current.
It is selected according to the temperature of Ta.
Note 3. Δ(Tj-Ta) = 20 °C is considered to measure the current.
Note 4. To determine the current consumption per channel, group or unit, divide Current [mA] by the number of channels, groups or units.
Table 2.13 shows the outline of operation for each unit.
Table 2.13
Outline of operation for each unit (1 of 2)
Peripheral
Outline of operation
GPT
Operating modes is set to saw-wave PWM mode.
GPT is operating with PCLKD.
POEG
Only clear module stop bit.
AGT
AGT is operating with PCLKB.
RTC
RTC is operating with LOCO.
RA4M3 Datasheet
2. Electrical Characteristics
R01DS0368EJ0120 Rev.1.20
Dec 2, 2020
Page 30 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com