Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R7FA4M3AF3CFP Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R7FA4M3AF3CFP
Description  Armv8-M architecture with the main extension
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA4M3AF3CFP Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R7FA4M3AF3CFP Datasheet HTML 20Page - Renesas Technology Corp R7FA4M3AF3CFP Datasheet HTML 21Page - Renesas Technology Corp R7FA4M3AF3CFP Datasheet HTML 22Page - Renesas Technology Corp R7FA4M3AF3CFP Datasheet HTML 23Page - Renesas Technology Corp R7FA4M3AF3CFP Datasheet HTML 24Page - Renesas Technology Corp R7FA4M3AF3CFP Datasheet HTML 25Page - Renesas Technology Corp R7FA4M3AF3CFP Datasheet HTML 26Page - Renesas Technology Corp R7FA4M3AF3CFP Datasheet HTML 27Page - Renesas Technology Corp R7FA4M3AF3CFP Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
2.2.5
Operating and Standby Current
Table 2.7
Operating and standby current (1 of 2)
Parameter
Symbol
Min Typ
Max
Unit Test conditions
Supply
current*1
High-speed
mode
Maximum*2 *13
ICC*3
—
—
95
mA
ICLK = 100 MHz
PCLKA = 100
MHz
PCLKB = 50
MHz
PCLKC = 50
MHz
PCLKD = 100
MHz
FCLK = 50 MHz
CoreMark®*5 *6 *12
—
12
—
Normal mode
All peripheral clocks enabled,
while (1) code executing from
flash*4 *12
—
22
—
All peripheral clocks disabled,
while (1) code executing from
flash*5 *6 *12
—
12
—
Sleep mode*5
—
7*6
*12
47*7
*13
Increase during
BGO operation
Data flash P/E
—
6
—
Code flash P/E
—
8
—
Low-speed mode*5 *10
—
1.9
—
ICLK = 1 MHz
Subosc-speed mode*5 *11
—
1.7
—
ICLK = 32.768
kHz
Software Standby mode
SNZCR.RXDREQEN = 1
—
—
34
—
SNZCR.RXDREQEN = 0
—
1.6
—
—
Deep Software
Standby mode
Power supplied to Standby SRAM and USB
resume detecting unit
—
16.9
131
µA
—
Power not
supplied to
SRAM or USB
resume
detecting unit
Power-on reset circuit low
power function disabled
—
11.8
31
—
Power-on reset circuit low
power function enabled
—
4.8
21
—
Increase when
the RTC and
AGT are
operating
When the low-speed on-chip
oscillator (LOCO) is in use
—
4.0
—
—
When a crystal oscillator for low
clock loads is in use
—
1.2
—
—
When a crystal oscillator for
standard clock loads is in use
—
1.5
—
—
RTC operating while VCC is off (with the
battery backup function, only the RTC and
sub-clock oscillator operate)
When a crystal
oscillator for low
clock loads is in use
—
0.9
—
VBATT = 1.8 V,
VCC = 0 V
—
1.3
—
VBATT = 3.3 V,
VCC = 0 V
When a crystal
oscillator for
standard clock loads
is in use
—
1.0
—
VBATT = 1.8 V,
VCC = 0 V
—
1.7
—
VBATT = 3.3 V,
VCC = 0 V
Inrush current on returning from deep
software standby mode
Inrush current*8
IRUSH
—
160
—
mA
Energy of inrush
current*8
ERUSH
—
1.0
—
µC
RA4M3 Datasheet
2. Electrical Characteristics
R01DS0368EJ0120 Rev.1.20
Dec 2, 2020
Page 24 of 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com