Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHT6N06LT Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # PHT6N06LT
Description  N-Channel 60-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

PHT6N06LT Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  PHT6N06LT Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd PHT6N06LT Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd PHT6N06LT Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd PHT6N06LT Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd PHT6N06LT Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd PHT6N06LT Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd PHT6N06LT Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd PHT6N06LT Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
4
6
8
10
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VDS - Drain-to-Source Voltage (V)
VGS =10thru 5 V
VGS = 3.5 V
VGS = 4V
VGS =2.5 V
0
0.00
0.00
0.00
9
0.01
0.0
0.01
0.01
0
6
12
18
24
30
ID - Drain Current (A)
VGS = 10 V
VGS = 4 .5 V
0.01
0
2
4
6
8
10
0
5
10
15
20
25
ID = 6.3 A
Qg - Total Gate Charge (nC)
VDS = 16 V
VDS = 10 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
VGS - Gate-to-Source Voltage (V)
TC = 25 °C
TC = 125 °C
TC = - 55 °C
Crss
0
200
400
600
800
1
000
0
15
30
45
60
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
VGS = 4.5 V, 10 V
ID = 6.3 A
8
7
0
11
2
3
4
PHT6N06LT
3
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com