| Electronic Components Datasheet Search |
|
R5F572MDDDBD Datasheet(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F572MDDDBD Datasheet(HTML) 7 Page - Renesas Technology Corp |
|
7 / 158 page ![]() RX72M Group 1. Overview R01DS0332EJ0100 Rev.1.00 Page 7 of 158 May 31, 2019 Timers General PWM timer (GPTW) 32 bits × 4 channels (GPTW0 to GPTW3) Counting up or down (sawtooth-wave), counting up and down (triangle-wave) selectable for all channels Clock sources independently selectable for each channel 2 input/output pins per channel 2 output compare/input capture registers per channel For the 2 output compare/input capture registers of each channel, 4 registers are provided as buffer registers and are capable of operating as comparison registers when buffering is not in use. In output compare operation, buffer switching can be at crests or troughs, enabling the generation of laterally asymmetrically PWM waveforms. Registers for setting up frame intervals on each channel (with capability for generating interrupts on overflow or underflow) Generation of dead times in PWM operation Capable of synchronous start, stop, or clearing of counter for any channel Capable of a start, stop, clearing, or up-/down-counting of the counter supporting input level comparison Capable of a start, stop, clearing, or up-/down-counting of the counter supporting maximum of 4 external triggers Output pin disabling function by a dead time error or a short circuit detection among output pins Capable of generating conversion start triggers for the A/D converters as well as monitoring external pins for a start timing of conversion. Capable of outputting events, such as compare-match from A to F and overflow/ underflow, to ELC Capable of using noise filter of input capture Port output enable for GPTW (POEG) Controlling the output disable for GPTW waveform output Initiation by input level detection of GTETRG pins Initiation by output disable request from GPTW Initiation by detection of oscillation stop or by software Programmable pulse generator (PPG) (4 bits × 4 groups) × 2 units Pulse output with the MTU or TPU output as a trigger Maximum of 32 pulse-output possible 8-bit timers (TMR) (8 bits × 2 channels) × 2 units Select from among seven internal clock signals (PCLKB/1, PCLKB/2, PCLKB/8, PCLKB/32, PCLKB/64, PCLKB/1024, PCLKB/8192) and one external clock signal Capable of output of pulse trains with desired duty cycles or of PWM signals The 2 channels of each unit can be cascaded to create a 16-bit timer Generation of triggers for A/D converter conversion Capable of generating baud-rate clocks for SCI5, SCI6, and SCI12 Event linking by the ELC Compare match timer (CMT) (16 bits × 2 channels) × 2 units Select from among four internal clock signals (PCLKB/8, PCLKB/32, PCLKB/128, PCLKB/512) Compare match timer W (CMTW) (32 bits × 1 channel) × 2 units Compare-match, input-capture input, and output-comparison output are available. Select from among four internal clock signals (PCLKB/8, PCLKB/32, PCLKB/128, PCLKB/512) Interrupt requests can be output in response to compare-match, input-capture, and output-comparison events. Event linking by the ELC Realtime clock (RTCd)*1 Clock sources: Main clock, sub-clock Selection of the 32-bit binary count in time count/second unit possible Clock and calendar functions Interrupt sources: Alarm interrupt, periodic interrupt, and carry interrupt Battery backup operation Time-capture facility for three values Event linking by the ELC Watchdog timer (WDTA) 14 bits × 1 channel Select from among 6 counter-input clock signals (PCLKB/4, PCLKB/64, PCLKB/128, PCLKB/512, PCLKB/2048, PCLKB/8192) Table 1.1 Outline of Specifications (6/11) Classification Module/Function Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |