Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70HDT Datasheet(PDF) 2 Page - 3M Electronics

Part # 70HDT
Description  Self-Fusing Silicone Rubber Electrical Tape 70 HDT with Tapered Edge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

70HDT Datasheet(HTML) 2 Page - 3M Electronics

  70HDT Datasheet HTML 1Page - 3M Electronics 70HDT Datasheet HTML 2Page - 3M Electronics 70HDT Datasheet HTML 3Page - 3M Electronics 70HDT Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
The exposed cable insulation on the lug
side of assembled stress cone kits, which
will be operated either outdoors or in areas
subjected to contamination or moisture,
shall be overwrapped with at least one layer
of Scotch® Silicone Rubber Electrical Tape
70 HDT.
All splices on spacer cable operating at 5
kV and above shall be overwrapped with
Scotch 70 HDT Tape.
All splices on silicone rubber cables or
other cables which can operate at room
temperatures in excess of 30˚C/266˚F,
but not exceeding 80˚C/66˚F, shall
use Scotch 70 HDT Tape as the primary
insulating material.
5.0 Characteristics and Test Data
TypicalElectricalandPhysicalProperties
PhysicalProperties
Color
Munsell 5BG7.0/0.4 Sky Blue Gray
Thickness - Peak
ASTM-D-2148
.020 in.
Thickness - Edge
ASTM-D-2148
.008 in.
Tensile Strength
ASTM-D-412
1000 psi
Elongation at Break
ASTM-D-412
300%
ElectricalProperties
Dielectrical Strength
ASTM-D-2148
600 V/mil
Arc Resistance
ASTM-D-495
1 min. (minimum)
Fusion (Self Adhesion)
ASTM-D-2148
0.125 in.
Volume Resistivity
ASTM-D-1458
7 x 1014 ohm•cm
DissipationFactor
Table  shows the dissipation factor versus
temperature of 70 HDT Tape. This test was run
according to ASTM-D-50 at a stress of 50 V/mil
and a frequency of 60 cycles per second.
Dissipation Factor vs. Temperature
Scotch 70 Tape
Temperature
(˚C/˚F)
Dissipation
Factor
23/73
90/194
130/266
150/302
1.3%
1.1%
0.5%
0.7%
Table 1
DielectricConstant
Table 2 shows the dielectric constant versus
temperature of 70 HDT Tape. This test was
run according to ASTM-D-50-8 at a stress
of 50 V/mil and a frequency of 60 cycles
per second.
Dielectric Constant vs. Temperature
Scotch 70 HDT Tape
Temperature
(˚C/˚F)
Dielectric
Constant
23/73
90/194
130/266
150/302
3.0
2.9
2.6
2.5
Table 2
6.0 Performance Tests
TerminationTrackingTest
Reduced-dimension terminations are
prepared according to 3M print 2047-B-6
(Se Figure ). Each specimen consists of 8
feet of 5 kV cable and two terminations.
The contaminant employed in this test is the
formula called out in ASTM Dust and Fog
Test D-232, as shown below:
Flint (SiO
2 floated) 240 mesh
85 parts
Clay 325 mesh
9 parts
Salt (Na Cl) technical grade
3 parts
Paper, filter pulp
3 parts
all by weight
This mixture is then ball milled using 3/4
inch diameter ceramic cylinder. The milled
dust is then mixed with equal parts by
weight of water to make a slurry of paint
consistency.
Next, each termination is carefully coated in
such a manner as to deposit a uniform and
reproducible amount of contamination. The
following procedure is used:
. Mix the slurry thoroughly.
2. Submerge the inverted termination into
the slurry.
3. Withdraw the termination from the
slurry, taking care not to throw off
too much excess slurry in rotating the
termination from the inverted to an
upright position. The majority of the
excess slurry should drain off when the
termination is upright.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com