Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

400 Datasheet(PDF) 2 Page - 3M Electronics

Part # 400
Description  Detectable Buried Barricade Tapes 400 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

400 Datasheet(HTML) 2 Page - 3M Electronics

  400 Datasheet HTML 1Page - 3M Electronics 400 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Scotch
® Detectable Buried Barricade Tape 400 Series
Page 2 of 2
Availability
Please contact your local distributor; available from 3M.com/electrical [Where to
Buy] or call 1-800-245-3573.
Product
Text
Length
Color
Thickness
Width
Scotch 406
3 in.
Scotch 408
CAUTION BURIED ELECTRIC
LINE BELOW
1000 ft.
Red
5-mil
6 in.
Scotch 407
3 in.
Scotch 409
CAUTION BURIED FIBER
OPTIC LINE BELOW
1000 ft.
Orange
5-mil
6 in.
Scotch 410
3 in.
Scotch 411
CAUTION BURIED TELEPHONE
LINE BELOW
1000 ft.
Orange
5-mil
6 in.
Scotch 412
3 in.
Scotch 413
CAUTION BURIED HIGH
VOLTAGE CABLE BELOW
1000 ft.
Red
5-mil
6 in.
Scotch 414
3 in.
Scotch 415
CAUTION BURIED GAS LINE
BELOW
1000 ft.
Yellow
5-mil
6 in.
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on information
believed to be reliable, but the accuracy or completeness is not guaranteed. Before using this product, you must
evaluate it and determine if it is suitable for your intended application. You assume all risks and liability associated
with such use. Any statements related to the product, which are not contained in 3M’s current publications, or any
contrary statements contained on your purchase order, shall have no force or effect unless expressly agreed upon, in
writing, by an authorized officer of 3M.
Warranty; Limited
Remedy; Limited
Liability
This product will be free from defects in material and manufacture at the time of purchase. 3M MAKES NO OTHER
WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR
FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the warranty period stated above, your
exclusive remedy shall be, at 3M’s option, to replace or repair the 3M product or refund the purchase price of the 3M
product. Except where prohibited by law, 3M will not be liable for any indirect, special, incidental or consequential
loss or damage arising from this 3M product, regardless of the legal theory asserted.
3M is a trademark of 3M Company.
Scotch is a registered trademark of 3M Company.
Electrical Markets Division
6801 River Place Boulevard
Austin, TX 78726-9000
800.245.3573 / 651.737.7222 (24 hours)
Fax: 800.245.0329
www.3m.com/electrical
Please recycle
© 3M 2010 All rights reserved
78-8127-8773-3 B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com