Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1503 Datasheet(PDF) 1 Page - 3M Electronics

Part # 1503
Description  3MTM Tan Polyethylene Single Coated Medical Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1503 Datasheet(HTML) 1 Page - 3M Electronics

  1503 Datasheet HTML 1Page - 3M Electronics 1503 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 3M 2013 All Rights Reserved.
Technical Information Sheet
Product Number 1503
3M
TM Tan Polyethylene Single Coated Medical Tape
Effective: June 2013
Supersedes all previous specifications
Features and Benefits:
-
Hypoallergenic Pressure Sensitive Adhesive
- ETO & Gamma Compatible
-
Conformable
- Good Adhesion to Skin
-
Easy to Apply
- Opaque
-
Provides Barrier from External Contamination
- Warm Tan Color
Composition:
Tape Caliper
5 mil (0.13 mm) Tan Polyethylene Film Tape
Backing
3.6 mil (0.09 mm) Tan Polyethylene
Adhesive
Tackified Acrylic, designed for medical/surgical applications
Release Liner
63 lb. Poly-coated Kraft paper, silicone on one side (4.9 mils/0.12 mm)
Typical Properties
+:
Adhesion to Steel, 180
° Peel
41 oz/inch width (11.3 N/25 mm width) (1.2 Kg/25 mm width)
Liner Release
20 gm/inch width (20 gm/25 mm width)
+3M test methods are available upon request.
Roll Description: Tape supplied on 3 inch (76 mm) diameter cores.
Length, Maximum
500 yards (457 m)
± 2%
Width, Maximum
48 inch (122 cm)
± 1/32 in (1.0 mm)
Splices: Splices on the tape are intended for continuous processing.
Roll Width
Maximum Number of Splices per Roll
< 8 inch (20 cm)
2 per 100 yd (91 m)
3 per 200 yd (183 m)
8 per 500 yd (457 m)
Information on the splice frequency in roll widths greater than 8 inch (20 cm) is available upon
request.
Packaging and Recommended Storage:
Product as supplied in original packaging will maintain stated properties for a period of two years
from date stamped on shipping container when stored at temperatures of 50-80
°F (10-27°C) and a
relative humidity between 40-60 percent.
Please see reverse side for important product, safety and warranty information.


Similar Part No. - 1503

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
1503 DATADELAY-1503 Datasheet
238Kb / 3P
MECHANICALLY VARIABLE DELAY LINE
logo
Littelfuse
1503 LITTELFUSE-1503 Datasheet
199Kb / 1P
1503 Series In-Line Fuseholders For 1/4" x 1-1/4" (3AG/3AB) Fuses
Revised: GD. 02/22/21
logo
Abbatron All Rights Res...
1503 ABBATRON-1503 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
List of Unclassifed Man...
1503-1 ETC2-1503-1 Datasheet
439Kb / 1P
TURRET TERMINALS
logo
Data Delay Devices, Inc...
1503-100A DATADELAY-1503-100A Datasheet
238Kb / 3P
MECHANICALLY VARIABLE DELAY LINE
More results

Similar Description - 1503

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1516 3M-1516 Datasheet
48Kb / 2P
3MTM Single Coated Polyester Medical Tape
Jul-2013
1521 3M-1521 Datasheet
48Kb / 2P
3MTM Single Coated Polyethylene Medical Tape
Jul-2013
1523 3M-1523 Datasheet
48Kb / 2P
3MTM Blush Tan Polyethylene Single Coated Medical Tape
Jul-2013
1526 3M-1526 Datasheet
48Kb / 2P
3MTM Single Coated Polyethylene Medical Tape
Aug-2013
1533 3M-1533 Datasheet
48Kb / 2P
3MTM Medical Tan Rayon Nonwoven Tape
Mar-2011
1527LX 3M-1527LX Datasheet
48Kb / 2P
3MTM Single Coated Medical Plastic Tape
Aug-2013
9835 3M-9835 Datasheet
48Kb / 2P
3MTM Single Coated Medical Tape
Aug-2013
9860 3M-9860 Datasheet
48Kb / 2P
3MTM Single Coated Medical Tape
Aug-2013
9952 3M-9952 Datasheet
48Kb / 2P
3MTM Single Coated Medical Plastic Tape
Aug-2013
9916 3M-9916 Datasheet
47Kb / 2P
3MTM Medical Tan Nonwoven Tape
Aug-2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com