Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2000 Datasheet(PDF) 1 Page - 3M Electronics

Part # 2000
Description  2000 Electrician’s Duct Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2000 Datasheet(HTML) 1 Page - 3M Electronics

  2000 Datasheet HTML 1Page - 3M Electronics 2000 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Scotch® 2000 Electrician’s Duct Tape is a water resistant duct
tape with a polyvinyl chloride (PVC) backing and a rubber
adhesive. Scotch 2000 is designed to be an electrician’s utility
tape for holding and bundling applications.
• Easy tear
• No cloth–does not absorb water.
• Clean removal (minimal residue)
• Not recommended for sealing air ducts.
Typical Data/Physical Properties
Test Method
Typical Value
Color
Gray
Thickness
6 mils (.006")
ASTM D-1000
Adhesion to Steel
ASTM D-1000
20 oz./in.
Tensile Strength
12 lb./in.
ASTM D-1000
Elongation at Break
100%
ASTM D-1000
Note: These are typical properties and should not be used
for specification purposes.
Shelf Life
Scotch 2000 has a three year shelf life (from date of
manufacture) when stored under the following recommended
storage conditions. Store behind present stock in a clean, dry
place at a temperature of 70°F (21°C) and 40-50% relative
humidity. Good stock rotation is recommended.
Availability
Scotch 2000 duct tape is available from your local authorized
3M distributor in the following roll size:
2 in. x 50 yds. (51 mm x 46 m)
Innovation
Scotch
2000 Electrician’s Duct Tape
Data Sheet


Similar Part No. - 2000

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
2000 CDE-2000 Datasheet
107Kb / 1P
Snubber Capacitors Oil-Filled, Metallic Case for Snubber Applications
logo
Make-Ps
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
Single, Dual, Triple Output DC/DC Converter
logo
Keysight Technologies
2000 KEYSIGHT-2000 Datasheet
2Mb / 24P
InfiniiVision 2000 X-Series Oscilloscopes
logo
Enercon Technologies Eu...
2000 ENERCON-2000 Datasheet
847Kb / 3P
Military Ethernet to Serial, GPIO Unit
July 24, 2023
logo
Heyco.
2000 HEYCO-2000 Datasheet
133Kb / 1P
Snap Bushings
More results

Similar Description - 2000

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DT8 3M-DT8 Datasheet
103Kb / 2P
All Purpose Duct Tape DT8
Feb-2019
1500 3M-1500 Datasheet
175Kb / 2P
Venture Tape™ Cloth Duct Tape
Apr-2015
1501 3M-1501 Datasheet
173Kb / 2P
Venture Tape™ Cloth Duct Tape
Apr-2015
1502 3M-1502 Datasheet
176Kb / 2P
Venture Tape™ Metallized Cloth Duct
Apr-2015
1599B 3M-1599B Datasheet
219Kb / 2P
Venture Tape™ UL181B-FX Polypropylene Duct Tape 1599B
Jan-2017
3903 3M-3903 Datasheet
305Kb / 2P
3M Vinyl Duct Tape
2929 3M-2929 Datasheet
140Kb / 5P
3M™ General Use Duct Tape 2929
Feb-2013
3979 3M-3979 Datasheet
126Kb / 5P
3M™ Contractor Grade Duct Tape 3979
Apr-2014
2158B 3M-2158B Datasheet
174Kb / 9P
3M??Value Duct Tape 1900
Dec-2009
1900 3M-1900 Datasheet
141Kb / 5P
3M™ Value Duct Tape 1900
Jun-2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com