Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2477P Datasheet(PDF) 2 Page - 3M Electronics

Part # 2477P
Description  Medical Materials & Technologies BIOCOMPATIBILITY SUMMARY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2477P Datasheet(HTML) 2 Page - 3M Electronics

  2477P Datasheet HTML 1Page - 3M Electronics 2477P Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Medical Materials & Technologies
BIOCOMPATIBILITY SUMMARY
Product Name: 3M™ Medical Silicone Tape 2477P
Effective: December 2020
P a g e 2 | 2
ISO Guinea Pig Maximization Sensitization Test (Silicone and Acrylic Adhesive Tested)
The test article was evaluated for the potential to cause delayed dermal contact sensitization in a guinea
pig maximization test. This study was conducted based on the requirements of ISO 10993-10, Biological
evaluation of medical devices – Part 10: Tests for irritation and skin sensitization. The test article was
extracted in 0.9% sodium chloride USP and sesame oil, NF. Each extract was intradermally injected and
occlusively patched to ten test guinea pigs (per extract). The extraction vehicle was similarly injected
and occlusively patched to five control guinea pigs (per vehicle). Following a recovery period, the test
and control animals received a challenge patch of the appropriate test article extract and the vehicle
control. All sites were scored for dermal reactions at 24 and 48 hours after patch removal. Results: The
test article extracts showed no evidence of causing delayed dermal contact sensitization in the guinea
pig. The test article was not considered a dermal sensitizer in the guinea pig maximization test.
CLIN-RPT-FINAL-INV-US-05-411272
The adhesive used in 2477P, as part of a different construction, has also been subjected to the following
pre-clinical biocompatibility testing by an outside laboratory under GLP:
Cytotoxicity Study Using the ISO Agarose Overlay Method (Silicone Adhesive Tested)
The test article was evaluated to determine the potential for cytotoxicity based on the requirements of
ISO 10993-5, Biological evaluation of medical devices – Part 5: Tests for in vitro cytotoxicity. Triplicate
wells were dosed with a 1 cm x 1 cm portion of the test article. Triplicate wells were dosed with a 1 cm
length of high density polyethylene as a negative control. Triplicate wells were dosed with a 1 cm x 1 cm
portion of latex as a positive control. Each was placed on an agarose surface directly overlaying a
subconfluent monolayer of L-929 mouse fibroblast cells. After incubating at 37°C in the presence of 5%
CO2 for 24 hours, the cultures were examined macroscopically and microscopically for any abnormal cell
morphology and cell lysis. Results: The test article showed no evidence of causing any cell lysis or
toxicity. The test article met the requirements of the test since the grade was less than or equal to a
grade 2 (mild reactivity).
CLIN-MISC-US-05-224879
ISO Skin Irritation Study in Rabbits (Silicone Adhesive Tested)
The test article was evaluated for primary skin irritation in accordance with the guidelines of ISO 10993-
10, Biological evaluation of medical devices – Part 10: Tests for irritation and skin sensitization. Two 25
mm x 25 mm sections of the test article and control article were topically applied to the skin of each of
three rabbits and left in place for a minimum of 23 and a maximum of 24 hours. The sites were graded
for erythema and edema at 1, 24, 48 and 72 hours after removal of the single sample application.
Results: There was no erythema and no edema observed on the skin of the animals treated with the test
article. The Primary Irritation Index (PII) for the test article was calculated to be 0.0/8.0. The response of
the test article was categorized as negligible.
CLIN-MISC-US-05-224889
It is the responsibility of our customers to determine final suitability of our
products for their application. Final testing of a converted device made with this
material is the responsibility of the customer.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com