Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986H3V3 Datasheet(PDF) 20 Page - STMicroelectronics

Part # A6986H3V3
Description  Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986H3V3 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button A6986H3V3 Datasheet HTML 16Page - STMicroelectronics A6986H3V3 Datasheet HTML 17Page - STMicroelectronics A6986H3V3 Datasheet HTML 18Page - STMicroelectronics A6986H3V3 Datasheet HTML 19Page - STMicroelectronics A6986H3V3 Datasheet HTML 20Page - STMicroelectronics A6986H3V3 Datasheet HTML 21Page - STMicroelectronics A6986H3V3 Datasheet HTML 22Page - STMicroelectronics A6986H3V3 Datasheet HTML 23Page - STMicroelectronics A6986H3V3 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 71 page
background image
5.3.2
Output voltage sequencing
The A6986H device implements sequencing connecting the RST pin of the master device to the SS/INH of the
slave. The slave is inhibited as long as the master output voltage is outside regulation so implementing the
sequencing, see Figure 12. Output voltage sequencing.
Figure 12. Output voltage sequencing
VOUT3
VOUT2
VOUT1
t
V
tDELAY1
tDELAY2
tDELAY3
High flexibility is achieved thanks to the programmable RST thresholds (Table 7. LNM/ LCM selection
(A6986H3V3) TJ = - 40 to 135 °C, VIN = 12 V unless otherwise specified. and Table 8. LNM/ LCM selection
(A6986H5V) TJ = -40 to 135 °C, VIN = 12 V unless otherwise specified.) and programmable delay time. To
minimize the component count the DELAY pin capacitor can be also omitted so the pin works as a normal Power
Good.
5.4
Error amplifier
The voltage error amplifier is the core of the loop regulation. It is a transconductance operational amplifier whose
non inverting input is connected to the internal voltage reference (0.85 V), while the inverting input (FB) is
connected to the external divider or directly to the output voltage.
Table 10. Uncompensated error amplifier characteristics
Description
Value
Transconductance
155 µS
Low frequency gain
100 dB
The error amplifier output is compared with the inductor current sense information to perform PWM control. The
error amplifier also determines the burst operation at light-load when the LCM is active.
5.5
Output voltage line regulation
The regulator features an enhanced line regulation thanks to the peak current mode architecture. Figure 13. VOUT
= 3.3 V line regulation shows negligible output voltage variation (normalized to the value measured at VIN = 12 V)
over the entire input voltage range for the A6986H with VOUT = 3.3V.
A6986H
Error amplifier
DS12861 - Rev 3
page 20/71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com