Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6986HTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # A6986HTR
Description  Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986HTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button A6986HTR Datasheet HTML 2Page - STMicroelectronics A6986HTR Datasheet HTML 3Page - STMicroelectronics A6986HTR Datasheet HTML 4Page - STMicroelectronics A6986HTR Datasheet HTML 5Page - STMicroelectronics A6986HTR Datasheet HTML 6Page - STMicroelectronics A6986HTR Datasheet HTML 7Page - STMicroelectronics A6986HTR Datasheet HTML 8Page - STMicroelectronics A6986HTR Datasheet HTML 9Page - STMicroelectronics A6986HTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
2.4
Thermal data
Table 3. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction ambient (device soldered on the STMicroelectronics
demoboard)
40
°C/W
RthJC
Thermal resistance junction to exposed pad for board design (not suggested to
estimate TJ from power losses)
5
°C/W
2.5
ESD protection
Table 4. ESD protection
Symbol
Parameter
Test conditions
Value
Unit
ESD
ESD protection voltgage
HBM
± 2
kV
CDM corner pins
± 750
V
CDM non-corner pins
± 500
A6986H
Thermal data
DS12861 - Rev 3
page 6/71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com