Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUENRG-355AC Datasheet(PDF) 25 Page - STMicroelectronics

Part # BLUENRG-355AC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-355AC Datasheet(HTML) 25 Page - STMicroelectronics

Back Button BLUENRG-355AC Datasheet HTML 21Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 22Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 23Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 24Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 25Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 26Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 27Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 28Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
Pin number
Pin name
(function
after reset)
Pin
type
I/O
structure
Alternate functions
Additional functions
QFN48
QFN32
WLCSP49
9
5
D3
PA11
I/O
FT
MCO, SPI1_NSS,
RX_SEQUENCE,
SPI3_MOSI, TIM1_CH6,
I2S3_SD
Wakeup, GPIO in
DEEPSTOP, RTC_OUT
10
6
E6
PA10
I/O
FT
LCO, SPI1_MISO,
TX_SEQUENCE,
SPI3_MCK, TIM1_CH5,
I2S3_MCK
BOOT, wakeup, GPIO
in DEEPSTOP, LCO
11
7
D7
PA9
I/O
FT
USART_TX, SPI1_SCK,
RTC_OUT, SPI3_NSS,
TIM1_CH4, I2S3_WS
Wakeup, GPIO in
DEEPSTOP, LCO
12
8
E7
PA8
I/O
FT
USART_RX, SPI1_MOSI,
RX_SEQUENCE,
SPI3_MISO, TIM1_CH3,
I2S3_MISO
Wakeup, GPIO in
DEEPSTOP, RTC_OUT
13
9
F6
PA0
I/O
FT_f
I2C1_SCL, USART_CTS,
SPI2_MCK, TIM1_CH3,
I2S2_MCK
Wakeup
14
10
G6
PA1
I/O
FT_f
I2C1_SDA, SPI2_MISO,
USART_TX, TIM1_CH4,
I2S2_MISO
Wakeup
15
11
E5
PA2
I/O
FT
SWDIO, USART_CK,
TIM_BKIN, SPI3_MCK,
TIM1_CH5, I2S3_MCK
Wakeup
16
12
E4
PA3
I/O
FT
SWCLK, USART_RTS_DE,
TIM_BKIN2, SPI3_SCK,
TIM1_CH6, I2S3_SCK
Wakeup
17
-
E3
PA4
I/O
FT
LCO, SPI2_NSS,
LPUART_TX, TIM1_CH1,
I2S2_WS
Wakeup, GPIO in
DEEPSTOP, LCO
18
-
F5
PA5
I/O
FT
MCO, SPI2_SCK,
LPUART_RX, TIM1_CH2,
I2S2_SCK
Wakeup, GPIO in
DEEPSTOP, LCO
19
-
-
PA6
I/O
FT
LPUART_CTS,
SPI2_MOSI, SPI2_NSS,
TIM1_CH1, I2S2_SD,
I2S2_WS
Wakeup, GPIO in
DEEPSTOP, LCO
20
-
G5
PA7
I/O
FT
LPUART_RTS_DE,
SPI2_MISO, SPI2_SCK,
TIM1_CH2, I2S2_MISO,
I2S2_SCK
Wakeup, GPIO in
DEEPSTOP, RTC_OUT
21
13
G7
VDD2
S
-
--
1.7-3.6 battery voltage
input
22
14
G4
RF1
I/O
RF
-
RF input/output.
Impedance 50 Ω
23
15
G2
VDDRF
S
-
-
1.7-3.6 battery voltage
input
24
16
E1
OSCOUT
I/O
RF
-
32 MHz crystal
25
17
F1
OSCIN
I/O
RF
-
32 MHz crystal
26
-
-
VDD4
S
-
-
1.7-3.6 battery voltage
input
BlueNRG-LP
Pinouts and pin description
DS13282 - Rev 2
page 25/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com