Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA9P25-1T2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA9P25-1T2
Description  7.9 V, 24 A unidirectional TVS in SOD882T
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA9P25-1T2 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA9P25-1T2 Datasheet HTML 1Page - STMicroelectronics ESDA9P25-1T2 Datasheet HTML 2Page - STMicroelectronics ESDA9P25-1T2 Datasheet HTML 3Page - STMicroelectronics ESDA9P25-1T2 Datasheet HTML 4Page - STMicroelectronics ESDA9P25-1T2 Datasheet HTML 5Page - STMicroelectronics ESDA9P25-1T2 Datasheet HTML 6Page - STMicroelectronics ESDA9P25-1T2 Datasheet HTML 7Page - STMicroelectronics ESDA9P25-1T2 Datasheet HTML 8Page - STMicroelectronics ESDA9P25-1T2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SOD882T package
Pin configuration
Features
•
Low clamping voltage
•
Unidirectional diode
•
Low leakage current
•
SOD882T (0402) package
•
ECOPACK2 compliant component
•
Exceeds the IEC 61000-4-2 level 4 standard:
–
± 30 kV (air discharge)
–
± 30 kV (contact discharge)
Application
Where transient over voltage protection in ESD sensitive equipment is required, such
as:
•
Smartphones, mobile phones, and accessories
•
Tablets and notebooks
•
Portable multimedia devices and accessories
•
Wearable, home automation, healthcare
•
Highly integrated systems
Description
The ESDA9P25-1T2 is a unidirectional single line TVS diode designed to protect the
power line or other low speed I/O against ESD and small surge transients.
The device is ideal for applications where high power TVS and board space saving
are required.
Product status link
ESDA9P25-1T2
7.9 V, 24 A unidirectional TVS in SOD882T
ESDA9P25-1T2
Datasheet
DS13449 - Rev 1 - September 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - ESDA9P25-1T2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA-1K STMICROELECTRONICS-ESDA-1K Datasheet
167Kb / 10P
EOS and ESD Transil™ protection for charger and battery port
02-Sep-2010
logo
Shanghai Leiditech Elec...
ESDA05 LEIDITECH-ESDA05 Datasheet
891Kb / 5P
Electrical Specification
ESDA0504CW LEIDITECH-ESDA0504CW Datasheet
188Kb / 3P
Quad TVS Diode Array
ESDA0504T5 LEIDITECH-ESDA0504T5 Datasheet
127Kb / 3P
USB 2.0 power and data line
ESDA0505CT6 LEIDITECH-ESDA0505CT6 Datasheet
178Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAY FOR QUADRI PROTECTION
More results

Similar Description - ESDA9P25-1T2

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
UNIDIRECTIONAL TVS DIODE
logo
STMicroelectronics
ESDA17P20-1F2 STMICROELECTRONICS-ESDA17P20-1F2 Datasheet
531Kb / 11P
15 V, 25 A unidirectional TVS in SOD882T
15-Jun-2020
logo
SHIKUES Electronics
SD03 SKTECHNOLGY-SD03 Datasheet
740Kb / 3P
Unidirectional TVS Diodes
logo
Shanghai Leiditech Elec...
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
Unidirectional TVS Diode
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
UNIDIRECTIONAL TVS DIODE
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
logo
Diodes Incorporated
D7V9H1U2LP1610Q DIODES-D7V9H1U2LP1610Q Datasheet
467Kb / 6P
7.9 VOLT UNIDIRECTIONAL HIGH SURGE TVS DIODE
February 2023 Rev. 1 - 2
logo
Texas Instruments
TSD05 TI1-TSD05 Datasheet
971Kb / 15P
TSD05 5-V Unidirectional TVS Diode in SOD-323
JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com