Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

232 Datasheet(PDF) 1 Page - 3M Electronics

Part # 232
Description  High Performance Masking Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

232 Datasheet(HTML) 1 Page - 3M Electronics

  232 Datasheet HTML 1Page - 3M Electronics 232 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Scotch
®
High Performance Masking Tape
232
Technical Data
February, 2011
Product Description
Scotch
® High Performance Masking Tape 232 is designed to be used in medium
temperature paint bake operations.
Product Construction
Backing
Adhesive
Color
Standard Roll Length
Smooth crepe paper with a
Rubber
Tan
55 m (60.17 yds.)*
solvent resistant saturant
*Available in metric widths (eg, 24 mm corresponds to 1 inch).
Typical Physical
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
ASTM Test Method
Adhesion to Steel:
37 oz./in. width (41 N/100 mm)
D-3330
Tensile Strength:
27 lbs./in. width (472 N/100 mm)
D-3759
Elongation at Break:
8%
D-3759
Tape Thickness:
6.3 mils (0.16 mm)
D-3652
Temperature Use Range:
Up to 250°F (121°C) for 30 minutes
Features
• Has been laboratory tested on painted panels and found to remove cleanly at bake
temperatures of up to 250°F (121°C) for 30 minutes. The actual temperature and
time performance may be higher or lower for a given application. Clean removal
can vary dependent on surface type, processing conditions (such as multiple
bakes), type of paint involved as well as the temperature of the surface at removal.
We recommend testing the product under your conditions to determine if it meets
your needs.
• Excellent transfer resistance to “difficult to remove from” surfaces like EDPM
rubber moldings.
• Tests indicate it is better than conventional masking tapes for sunlight resistance,
it is still advised that it not be subjected to outdoor exposure or prolonged periods
of sunlight as tape may become difficult to remove.
• Can be qualified for PPP-T-42C, Type I, (CID-A-A-883A).
Application Ideas
• Excellent paint masking tape.
• Used throughout industry for holding, protecting, bundling and a vast number of
other difficult jobs where a pressure sensitive tape is needed.


Similar Part No. - 232

ManufacturerPart #DatasheetDescription
logo
Littelfuse
232 LITTELFUSE-232 Datasheet
124Kb / 2P
Axial Lead and Cartridge Fuses - Designed to METI Standard
232 LITTELFUSE-232 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Keystone Electronics Co...
232 KEYSTONE-232 Datasheet
538Kb / 1P
9 VOLT STRAPS
31-07 20th
logo
RUKO GmbH Präzisionswe...
232 020 RUKO-232 020 Datasheet
267Kb / 1P
Machine taps M DIN 371 HSS und HSSE-Co 5, ground
232 020 E RUKO-232 020 E Datasheet
267Kb / 1P
Machine taps M DIN 371 HSS und HSSE-Co 5, ground
More results

Similar Description - 232

ManufacturerPart #DatasheetDescription
logo
3M Electronics
203 3M-203 Datasheet
28Kb / 2P
Masking Tape
Dec-2010
213 3M-213 Datasheet
53Kb / 2P
High-Temperature Masking Tape
Feb-2011
231 3M-231 Datasheet
126Kb / 5P
3M™ High Performance Masking Tape 231/231A
Jul-2015
2308 3M-2308 Datasheet
342Kb / 2P
Performance Masking Tape
Dec-2007
2364 3M-2364 Datasheet
29Kb / 2P
Performance Masking Tape
2380 3M-2380 Datasheet
28Kb / 2P
Performance Masking Tape
06525 3M-06525 Datasheet
29Kb / 3P
Precision Masking Tape
06541 3M-06541 Datasheet
45Kb / 2P
Highland™ Masking Tape 2727
04-Oct-2007
2393 3M-2393 Datasheet
126Kb / 5P
3M™ Premium High Temperature Masking Tape
Jun-2015
2307 3M-2307 Datasheet
131Kb / 5P
3M??Masking Tape 2307
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com