Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5050S Datasheet(PDF) 11 Page - STMicroelectronics

Part # L5050S
Description  5 V low drop linear voltage regulator for automotive application
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5050S Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L5050S Datasheet HTML 7Page - STMicroelectronics L5050S Datasheet HTML 8Page - STMicroelectronics L5050S Datasheet HTML 9Page - STMicroelectronics L5050S Datasheet HTML 10Page - STMicroelectronics L5050S Datasheet HTML 11Page - STMicroelectronics L5050S Datasheet HTML 12Page - STMicroelectronics L5050S Datasheet HTML 13Page - STMicroelectronics L5050S Datasheet HTML 14Page - STMicroelectronics L5050S Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DS12548 Rev 3
11/20
L5050S
Protection features
19
3
Protection features
3.1
Voltage regulator
Voltage regulator uses a p-channel MOS transistor as a regulating element. With that
structure, a very low dropout voltage at current up to 50mA is obtained. The output voltage
is regulated up to transient input supply voltage of 40 V. The high-precision of the output
voltages (±2%) is obtained with a pre-trimmed reference voltage. The voltage regulator
automatically adapts its own quiescent current to the output current level. In light load
conditions, the quiescent current goes down to 50 µA only in low consumption mode. This
procedure features a certain hysteresis on the output current (see Figure 8). Short-circuit
protection to GND and a thermal shutdown are provided.
Figure 18. Application schematic – L5050S
The input capacitor C1 is necessary as backup supply for short battery voltage interruption
which may occur on the line. Its value should be chosen according to the relevant
application requirement. The second input capacitor C2 ≥ 220 nF is needed when the C1 is
too distant from the VS pin and it compensates smooth line disturbances. The C0 ceramic
capacitor, connected to the output pin, is for bypassing to GND the high-frequency noise
and it guarantees stability even during sudden line and load variations. Suggested value is
C0 = 220 nF with ESR ≥ 100 mΩ.
Stability region is reported in Figure 19.
Figure 19. Stability region
L5050S
C2
VS1
En1
GND1
C0
VO1
VBAT
C1
0.01
0.1
1
10
0.22
0.47
1
2.2
3.3
4.7
10
Co (µF)
ESR min
STABILITY REGION
UNTESTED REGION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com