Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99LD02Q505 Datasheet(PDF) 34 Page - STMicroelectronics

Part # L99LD02Q505
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02Q505 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L99LD02Q505 Datasheet HTML 30Page - STMicroelectronics L99LD02Q505 Datasheet HTML 31Page - STMicroelectronics L99LD02Q505 Datasheet HTML 32Page - STMicroelectronics L99LD02Q505 Datasheet HTML 33Page - STMicroelectronics L99LD02Q505 Datasheet HTML 34Page - STMicroelectronics L99LD02Q505 Datasheet HTML 35Page - STMicroelectronics L99LD02Q505 Datasheet HTML 36Page - STMicroelectronics L99LD02Q505 Datasheet HTML 37Page - STMicroelectronics L99LD02Q505 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
Serial peripheral interface (ST SPI standard)
L99LD02
34/66
DS12448 Rev 3
The Device Identification Registers represent a unique number identifying device part-
number.
By reading out the <SPI Mode> register, general information of SPI usage of the Device
Application Registers can be read.
The SPI Burst Read bit indicates if a burst read operation is implemented.
The L99LD02 does not feature SPI Burst Read.
The SPI Data Length value indicates the length of the SCK count monitor which is running
for all accesses to the Device Application Register. In case of a communication frame with
an SCK count not equal to the reported one, this will lead to a SPI Error and the data will be
rejected.
The default frame size of the L99LD02 is 32 bits, so the SPI Data Length bits are read as
‘011’.
For the L99LD02, a Data Consistency Check by parity check is implemented, therefore
these bits are read as ‘01’. An odd parity bit is used and it is calculated over the complete
communication frame.
The GSB Options byte indicates that device-specific status information is used instead of
the predefined one. In case a bit of the GSB is not used, it has to be fixed to ‘0’ value and is
indicated by a logical ‘1’ in the GSB Options byte.
14h
WD bit pos. 2
R
D7h
11010111b
Bit7,WB1 = 1
Bit6,WB0 = 1
Bit position of the WD bit
within the corresponding
configuration register
= 23d = 010111b
20h
SPI CPHA Test
R
55h
01010101b
Predefined by ST SPI V4.1, it
is used to verify that the SCK
Phase of the SPI master is set
correctly
3Eh
GSB Options
R
00h
00000000b All bits of GSB are used
3Fh
Advanced
Operation Code
R
00h
00000000b
Access to this address
provokes a SW reset (all
control registers are set to
their default values; in
addition, all status registers
are cleared too).
NOTE: Data field should not
be “all ones”, otherwise an
“SDI stuck at” error occurs.
Table 21. ROM Memory Map (continued)
Address
Name
Access
Content
(hex)
Content
(bin)
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com