Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6983 Datasheet(PDF) 60 Page - STMicroelectronics

Part # L6983
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button L6983_V01 Datasheet HTML 55Page - STMicroelectronics L6983_V01 Datasheet HTML 56Page - STMicroelectronics L6983_V01 Datasheet HTML 57Page - STMicroelectronics L6983_V01 Datasheet HTML 58Page - STMicroelectronics L6983_V01 Datasheet HTML 59Page - STMicroelectronics L6983_V01 Datasheet HTML 60Page - STMicroelectronics L6983_V01 Datasheet HTML 61Page - STMicroelectronics L6983_V01 Datasheet HTML 62Page - STMicroelectronics L6983_V01 Datasheet HTML 63Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 60 / 63 page
background image
List of tables
Table 1.
Pin description...................................................................... 4
Table 2.
Typical application component ........................................................... 6
Table 3.
Absolute maximum ratings ............................................................. 7
Table 4.
ESD performance ................................................................... 7
Table 5.
Thermal data....................................................................... 7
Table 6.
Electrical characteristics ............................................................... 8
Table 7.
FSW selection ..................................................................... 10
Table 8.
External synchronization AC coupling suggested operation range ................................. 30
Table 9.
Capacitor part numbers .............................................................. 32
Table 10.
Bill of material ..................................................................... 35
Table 11.
QFN16 (3x3 mm) mechanical data ....................................................... 55
Table 12.
Order codes ...................................................................... 56
Table 13.
Document revision history ............................................................. 57
L6983
List of tables
DS13116 - Rev 2
page 60/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com