Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6983CQTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6983CQTR
Description  38 V, 3 A synchronous step-down converter with 17 μA quiescent current
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6983CQTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6983CQTR Datasheet HTML 5Page - STMicroelectronics L6983CQTR Datasheet HTML 6Page - STMicroelectronics L6983CQTR Datasheet HTML 7Page - STMicroelectronics L6983CQTR Datasheet HTML 8Page - STMicroelectronics L6983CQTR Datasheet HTML 9Page - STMicroelectronics L6983CQTR Datasheet HTML 10Page - STMicroelectronics L6983CQTR Datasheet HTML 11Page - STMicroelectronics L6983CQTR Datasheet HTML 12Page - STMicroelectronics L6983CQTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
TSS
Internal soft-start
1
1.3
1.6
ms
Error amplifier
VFB
Voltage feedback
Adjustable version
TJ = 25 °C
0.845
0.85
0.855
V
Adjustable version
TJ = - 40 °C ≤ TJ ≤ 125 ° (4)
0.842
0.85
0.858
V
Fixed 3.3 V version
TJ = 25 °C
3.27
3.3
3.33
V
Fixed 3.3 V version
TJ = -40 °C ≤ TJ ≤ 125 °C (4)
3.284
3.3
3.346
V
Fixed 5.0 V version
TJ = 25 °C
4.955
5.0
5.045
V
Fixed 5.0 V version
TJ = -40 °C ≤ TJ ≤ 125 °C (4)
4.93
5
5.07
V
Overvoltage protection
VOVP
Overvoltage trip (VOVP/
VREF)
115
120
125
%
VOVP_HYST
Overvoltage hysteresis
1
2
6
%
Synchronization (LNM versions only)
fCLKIN (3)
Synchronization range
200
2200
kHz
VCLKIN_TH (3)
Amplitude of
synchronization clock
2.3
V
VCLKIN_T (3)
Synchronization pulse
ON and OFF time 2.3 V
≤ VCLKIN_TH ≤ 2.5 V
VCLKIN_TH = 2.3 V
60
ns
Synchronization pulse
ON and OFF time
VCLKIN_TH > 2.5 V
20
ns
Power Good
VTHR
PGOOD threshold
Adjustable output version
TJ = -40 °C ≤ TJ ≤ 125 °C (4)
87
90
93
%
Fixed 3.3 output version
TJ = -40 °C ≤ TJ ≤ 125 °C (4)
87
90
93
%
Fixed 5.0 output version
TJ = -40 °C ≤ TJ ≤ 125 °C (4)
87
90
93
%
VTHR_HYST (4) PGOOD hysteresis
3
VPGOOD
PGOOD open collector
output
VIN > VIN_H AND
VFB < VTH
4 mA sinking load
0.4
V
2 < VIN < VIN_H
4 mA sinking load
0.8
V
L6983
Electrical characteristics
DS13116 - Rev 2
page 9/63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com