Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30NF Datasheet(PDF) 3 Page - 3M Electronics

Part # 30NF
Description  3M FastbondTM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

30NF Datasheet(HTML) 3 Page - 3M Electronics

  30NF Datasheet HTML 1Page - 3M Electronics 30NF Datasheet HTML 2Page - 3M Electronics 30NF Datasheet HTML 3Page - 3M Electronics 30NF Datasheet HTML 4Page - 3M Electronics 30NF Datasheet HTML 5Page - 3M Electronics 30NF Datasheet HTML 6Page - 3M Electronics 30NF Datasheet HTML 7Page - 3M Electronics 30NF Datasheet HTML 8Page - 3M Electronics 30NF Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3M™ Fastbond™
Contact Adhesive 30NF • 30H
- 3 -
Handling/Application
Information
Directions For Use:
1. Surface Preparation: Surfaces must be clean, dry and dust free. Wiping with a
solvent such as 3M™ Solvent No. 3* will aid in removing oil and dirt.
Temperature of adhesive and surfaces during fabrication should be at least 65°F
(18°C). If used for decorative plastic laminates, the laminate should have reached
moisture equilibrium for the shop conditions.
2. Application: Apply a uniform, generous coat of adhesive to both surfaces with a
nylon brush, roller (texturing type), or spray. One coat is usually sufficient on most
surfaces. Dull spots when dry indicate insufficient adhesive. Very porous material
may require more than one coat. (Allow adhesive to dry completely between coats.)
A uniform, glossy film indicates sufficient adhesive.
3. Coverage: Coverage is dependent upon porosity of the substrate and the method by
which the adhesive is applied. Use 3.0-3.5 gms/ft2 of dry adhesive per surface for
wood, particle board and high pressure laminates with the adhesive applied by
spray or roller. More adhesive (lower coverage) is recommended if very soft wood,
fabrics, foams, etc. are to be bonded, or if the adhesive is applied by brushing.
4. Drying Time: The adhesive dries sufficiently in 30 minutes under normal
temperatures and humidities to make bonds. High humidity will slow the drying;
high temperature will speed the drying. After the adhesive is dry the bond must be
completed within four hours.
5. Assembly: Spacers, such as dowels or strips of laminate, may be used to help
prevent premature adhesive to adhesive contact and bonding prior to positioning.
Slide out the spacers and apply uniform pressure, working toward the edges.
A 3 in. wide (maximum) roller with maximum body pressure should be used to
help ensure adequate contact and bonding, especially on edges. Bonded assemblies
may be machined, trimmed, etc. immediately after bonding. The use of a pinch or
nip roll is preferred for optimum performance.
6. Cleanup: If adhesive has not dried, clean equipment with water containing a small
amount of detergent.** Adhesive cannot be cleaned off rollers or brushes after it
has dried.
*When using solvents, extinguish all ignition sources, including pilot lights, and
follow the manufacturer’s precautions and directions for use.
**Cleaning solution: One pint of cleaner to five gallons of water. Flush with clean
water.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com