Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

375 Datasheet(PDF) 1 Page - 3M Electronics

Part # 375
Description  Superior Performance Box Sealing Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

375 Datasheet(HTML) 1 Page - 3M Electronics

  375 Datasheet HTML 1Page - 3M Electronics 375 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Scotch®
Superior Performance
Box Sealing Tape
375
Product Description
Scotch® Box Sealing Tape 375 is a superior performance packaging tape used for
box sealing, splicing, recooperage and other demanding packaging applications.
This product has the strongest conformable backing and the most consistent pressure
sensitive hot melt adhesive system available. This time proven construction assures
superior performance in a wide range of environments and applications.
Typical Physical
Properties
Technical Data
January, 2011
Note: The following technical information and data should be considered representative
or typical only, and should not be used for specification purposes.
ASTM Test Method
Adhesion to Steel:
55 oz./in. width (60 N/100 mm width)
D-3330
Tensile Strength:
Machine Direction:
35 lbs./in. width (613 N/100 mm width)
D-3759
Cross Direction:
70 lbs./in. width (1226 N/100 mm width)
D-3759
Elongation at Break:
160%
D-3759
Thickness - Backing:
2.0 mil (0.051 mm)
D-3652
Total:
3.1 mil (0.079 mm)
D-3652
Holding Power to Fiberboard:
12,000 + minutes
D-3654
Construction
Backing
Adhesive
Colors
Biaxially oriented
Pressure sensitive hot
Clear and Tan
polypropylene film
melt rubber-resin
3
Features
• Pressure sensitive hot melt rubber-resin adhesive.
• Meets CID A-A-1684B and ASTM D5486 Type III.
• Considered water-resistant as per ASTM D5570.
• Adheres instantly to most surfaces including cartons containing high levels of
recycled content.
• The strongest conformable backing with the highest edge tear and split resistance.
• Superior performance ensures reliable closures.
• Meets FDA requirements for indirect food contact.


Similar Part No. - 375

ManufacturerPart #DatasheetDescription
logo
Fluke Corporation
375 FLUKE-375 Datasheet
97Kb / 2P
Work horse clamp with increased performance and flexibility
logo
Heyco.
375 HEYCO-375 Datasheet
318Kb / 2P
Heavy Duty Male Blades for Range and Dryer
logo
Littelfuse
375 LITTELFUSE-375 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
logo
Adafruit Industries
375 ADAFRUIT-375 Datasheet
79Kb / 2P
Magnetic contact switch (door sensor)
logo
Keystone Electronics Co...
375 KEYSTONE-375 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results

Similar Description - 375

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4411N 3M-4411N Datasheet
281Kb / 6P
Extreme Sealing Tape
Sep-2014
3732 3M-3732 Datasheet
571Kb / 4P
3M™ Scotch® High Performance Printed Box Sealing Tape 3732
Jan-2011
371 3M-371 Datasheet
570Kb / 4P
3M™ Scotch® Industrial Box Sealing Tape 371
May-2017
372 3M-372 Datasheet
562Kb / 4P
3M??Scotch짰 Performance Box Sealing Tape 372
353 3M-353 Datasheet
570Kb / 4P
3M ??Scotch짰 High Performance Box Sealing Tape 353
313 3M-313 Datasheet
560Kb / 4P
3M ??Scotch짰 Box Sealing Tape 313
3199 3M-3199 Datasheet
564Kb / 4P
3M™ Scotch® Security Message Box Sealing Tape 3199
Jan-2011
369 3M-369 Datasheet
133Kb / 4P
3M™ Tartan™ Box Sealing Tape 369
Jun-2017
373 3M-373 Datasheet
14Kb / 2P
High Performance Box Sealing Tape
311 3M-311 Datasheet
115Kb / 3P
Box Sealing Tape
2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com