Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAP09P Datasheet(PDF) 1 Page - Sanken electric

Part # SAP09P
Description  BUILT-IN TEMPERATURE COMPENSATION DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SAP09P Datasheet(HTML) 1 Page - Sanken electric

  SAP09P Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SAP09P
Symbol
Ratings
Unit
VCBO
80 ( Tc=25
°C)
150
–40 to +150
V
VCEO
–150
V
VEBO
–5
V
IC
–10
A
IB
–1
A
PC
W
Tj
°C
150
Tstg
°C
sAbsolute maximum ratings (Ta=25°C)
Symbol
Conditions
Unit
ICBO
IC = – 6A, IB = – 6mA
VCE = –150V
IE =1A
µA
–100
–100
–150
5000
20000
–2.0
–2.5
1230
1580
0.176
0.22
0.264
IEBO
VEB =– 5V
µA
VCEO
IC = – 30mA
V
hFE V
VCE = – 4V, IC =– 6A
VCE(sat)
IC= – 6A, IB = – 6mA
V
VBE(sat)
V
Di VF
mV
IF = 2.5mA
RE
Ω
Ratings
min
typ
max
10
Di IF
mA
VCE =– 20V, IC =– 40mA
VBE
mV
15.4±0.3
4.5±0.2
(7.62)
(12.7)
17.8±0.3
4±0.1
9.9±0.2
1.6±0.2
φ3.2±0.2
1.35
+0.2
–0.1
0.65
+0.2
–0.1
0.8
+0.2
–0.1
0.65
+0.2
–0.1
1±0.1
2.54±0.1
2.54±0.1
3.81±0.1
3.81±0.1
B
D
C
S
E
D
S
E
C
B
Collector-Emitter Voltage VCE (V)
–2
–2
0
–4
–6
–8
–10
1000
200
500
5000
10000
50000
0–4
–0.3mA
–0.5mA
–0.8mA
–1.0mA
–1.3mA
–6
Base Current IB (mA)
–1
–5
–0.3
0
–1
–2
–3
–10
–50
–100
Base-Emitter Voltage VBE (V)
–1
0
0
–6
–4
–2
–8
–10
–2
–3
Collector Current IC (A)
–0.1
–0.5
–0.03
–1
–5
–10
0.1
0.5
1
3
Time t (ms)
10
1
5
50
100
500
2000
1000
–2.0mA
–2.5mA
–1.5mA
–1.8mA
IC –VCE Characteristics ( Typical)
Collector-Emitter Voltage VCE (V)
–10
–3
–5
–0.1
–0.05
–0.5
–1
–5
–30
–10
–50
–200
–100
Safe Operating Area (Single Pulse)
VCE(sat) –IB Characteristics (Typical)
IC –VBE Temperature Characteristics (Typical)
hFE –IC Characteristics ( Typical)
125
°C
25
°C
–30
°C
IC=–8A
(VCE= –4V)
–6A
–4A
125
°C
25
°C
–30
°C
D.C
100ms
10ms
IB= –0.2mA
(VCE = –4V )
Ambient Temperature Ta (
°C)
50
75
025
20
0
3.5
40
80
60
100
150
125
PC –Ta Derating
(Ta= 25
°C)
External Dimensions
(Unit: mm)
(36
°)
R: 70
Ω Typ. RE: 0.22Ω Typ.
Emitter resistor
Application: Audio
j-a –
t Characteristics
(Complement to type SAP09N)
sElectrical Characteristics
Equivalent
circuit
Weight: Approx 8.3g
a. Part No.
b. Lot No.
a
b
Without Heatsink
Natural Cooling
Without Heatsink
V
hFE Rank O (5000 to 12000), Y (8000 to 20000)
166


Similar Part No. - SAP09P

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SAP09N SANKEN-SAP09N Datasheet
46Kb / 1P
BUILT-IN TEMPERATURE COMPENSATION DIODES / BUILT-IN EMITTER RESISTOR DARLINGTON
More results

Similar Description - SAP09P

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SAP15P SANKEN-SAP15P Datasheet
135Kb / 6P
Darlington transistors with built-in temperature compensation diodes for audio amplifier applications
SAP16N SANKEN-SAP16N Datasheet
36Kb / 1P
Built-in temperature compensation diodes
SAP16P SANKEN-SAP16P Datasheet
36Kb / 1P
Built-in temperature compensation diodes
SAP09N SANKEN-SAP09N Datasheet
46Kb / 1P
BUILT-IN TEMPERATURE COMPENSATION DIODES / BUILT-IN EMITTER RESISTOR DARLINGTON
STD03P SANKEN-STD03P Datasheet
393Kb / 8P
Darlington Transistor with built-in compensation diodes
logo
Hamamatsu Corporation
C11204-01 HAMAMATSU-C11204-01_15 Datasheet
320Kb / 5P
Bias power supply with built-in high precision temperature compensation for MPPCs
logo
AVAGO TECHNOLOGIES LIMI...
HPDL-1414 AVAGO-HPDL-1414 Datasheet
388Kb / 8P
Built-in input protection diodes
logo
STMicroelectronics
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
Embedded temperature compensation
July 2016 Rev 1
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
Embedded temperature compensation
February 2017 Rev 2
logo
SIFIRST TECHNOLOGIES NA...
SF6010R SIFIRST-SF6010R Datasheet
152Kb / 2P
Built-in AC Line CC Compensation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com