Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1015 Datasheet(PDF) 3 Page - 3M Electronics

Part # 1015
Description  Cushion-Mount™ Plus Plate Mounting Tapes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1015 Datasheet(HTML) 3 Page - 3M Electronics

  1015 Datasheet HTML 1Page - 3M Electronics 1015 Datasheet HTML 2Page - 3M Electronics 1015 Datasheet HTML 3Page - 3M Electronics 1015 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3M™ Cushion-Mount™ Plus Plate Mounting Tapes
1720M • 1015M • 1020M • 1015 • 1020 • 1020R • 1920M • 1115 • 1120
3
Typical Physical Properties
and Performance
Characteristics
Note: The following technical information and data should be considered
representative or typical only and should not be used for specification
purposes.
Product
3M
™ Cushion-Mount™ Plus
Standard Combination
Plate Mounting Tape
3M
™ Cushion-Mount™ Plus
Medium Soft Process
Plate Mounting Tape
3M
™ Cushion-Mount™ Plus
Soft Process
Plate Mounting Tape
1020R
1920M
1115
1120
Adhesive
Differential Acrylate
Differential Acrylate
Differential Acrylate
Polyethylene Carrier
Standard White Foam
Medium Soft Pink Foam
Soft Tan Foam
Type of Printing
Combination of solids and
tone reproduction where
solids and process are
equally important
Combination of solids and
tone reproduction where
process printing is
important
Tone reproduction where
process printing is important
Application Thickness
in
(mm)
0.020
(0.508)
0.020
(0.508)
0.015
(0.381)
0.020
(0.508)
Thickness
Tape
in
(mm)
Paper Liner
in
(mm)
Lot to Lot Tolerance
in
(mm)
Typical Application Area
in
Caliper Variation
(mm)
0.022
(0.559)
0.022
(0.559)
0.017
(0.432)
0.022
(0.559)
0.0045
(0.114)
0.0045
(0.114)
0.0045
(0.114)
0.0045
(0.114)
±0.0015
(±0.038)
±0.0015
(±0.038)
±0.0015
(±0.038)
±0.0015
(±0.038)
±0.0004
(±0.010)
±0.0004
(±0.010)
±0.0004
(±0.010)
±0.0004
(±0.010)
Roll Length
yd
(m)
25
(22.9)
25
(22.9)
25
(22.9)
25
(22.9)
Maximum Width
in
(mm)
54
(1371.6)
54
(1371.6)
54
(1371.6)
54
(1371.6)
Minimum Width
in
(mm)
2
(50.8)
2
(50.8)
2
(50.8)
2
(50.8)
Slitting Tolerance
in
(mm)
±1/32
(±0.794)
±1/32
(±0.794)
±1/32
(±0.794)
±1/32
(±0.794)
Density
lb/ft3
(kg/m3)
28
(450)
26
(416)
24
(384)
24
(384)
Compression Deflection
10% Compression
lb/in2
(kPa)
25% Compression
lb/in2
(kPa)
15
(103)
10
(70)
5
(35)
5
(35)
30
(207)
20
(138)
10
(70)
10
(70)
Durometer ASTM-D2240
Shore A
65
60
55
55
Peel Adhesion (Modified ASTM-D3330)
Non-linered side -
oz/in
Stainless Steel
(N/100mm)
Non-linered side -
oz/in
Composite Sleeve
(N/100mm)
Non-linered side -
oz/in
Polyester
(N/100mm
Non-linered side -
oz/in
Urethane - A
(N/100mm)
Non-linered side -
oz/in
Urethane - B
(N/100mm)
55
(60)
30
(33)
42
(46)
42
(46)
65
(71)
28
(31)
70
(77)
70
(77)
60
(66)
35
(39)
35
(39)
35
(39)
70
(77)
35
(39)
35
(39)
35
(39)
55
(60)
30
(33)
24
(27)
24
(27)
Peel Adhesion (Modified ASTM-D3330)
Linered side -
oz/in
Photopolymer
(N/100mm)
Linered side -
oz/in
Rubber
(N/100mm)
68
(74)
65
(71)
65
(71)
65
(71)
30
(33)
NA
NA
NA
Solvent Resistance
Water
Alkanes
Alcohols
Acetates
Excellent
Excellent
Good
Fair
Excellent
Excellent
Good
Fair
Excellent
Excellent
Good
Fair
Excellent
Excellent
Good
Fair
Heat Resistance
°F
(°C)
120
(49)
120
(49)
120
(49)
120
(49)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com