Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6111HT Datasheet(PDF) 1 Page - 3M Electronics

Part # 6111HT
Description  Sprayable Hot Melt Adhesive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6111HT Datasheet(HTML) 1 Page - 3M Electronics

  6111HT Datasheet HTML 1Page - 3M Electronics 6111HT Datasheet HTML 2Page - 3M Electronics 6111HT Datasheet HTML 3Page - 3M Electronics 6111HT Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3
Sprayable Hot Melt Adhesive
6111 • 6111 HT • 6111 HT Blue
Technical Data
January, 2015
Product Description
3M™ Sprayable Hot Melt Adhesive is a heat applied, 100% solids, sprayable adhesive for a
fast, neat alternative to aerosols, contact adhesives and solvent-based adhesives to bond most
foams and many other lightweight materials.
6111
Sprayable 100% solids adhesives for most foams, fabrics particle board and thin
metal
6111HT (Tan)
Sprayable 100% solids adhesives for most foams, fabrics particle board and thin
metal. Has higher heat resistance than 6111. Tan in color for spraying on dark
colored substrates
6111HT Blue
Sprayable 100% solids adhesives for most foams, fabrics particle board and thin
metal. Has higher heat resistance than 6111. Blue in color for spraying on light
colored substrates
Features
Sprayable thermoplastic adhesive.
Solvent-free, 100% solids.
One or two surface application.
Long bonding range.
Immediate initial strength
Excellent adhesion to polypropylene
Bonds wide variety of substrates, including
most foams, plastics, particle board, light
gauge metals.
Controlled application with minimal
overspray.
Note: Not recommended for bonding unsupported vinyl and leather.
Typical Physical
Properties
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes
3M™ Sprayable Hot Melt
Adhesive 6111
3M™ Sprayable Hot
MeltAdhesive 6111 HT/6111
HT Blue
Description
Standard Product
Higher Heat Resistance
Base
Polyolefin copolymer
thermoplastic
Polyolefin copolymer
thermoplastic
Color
Tan
Tan/Blue
Specific Gravity
0.92
0.93
Flashpoint (°F)
498
529
Viscosity @ 375°F (190°C)
cps(1)
3000-5000
2500-4500
Application Temperature
350-385°F (177-196°C)
350-385°F (177-196°C)
Open Time1 Surface Foam
to PVC(2)
1 minute
3 minutes
Open Time 2 Surface Foam
to Foam(3)
6 minutes
8 minutes
1.
Brookfield Thermocel Viscometer in Centipoise using a #27 Spindle @ 20 RPM
2.
Bonds were made by spraying adhesives onto 3/4 in. thick, 2-lb. density polyester urethane foam. PVC
coupons wiped with isopropyl alcohol and then bonded to foam using 5 sec of firm pressure. After standing
for 24 hrs, bonds were pulled apart by hand. The criterion for open time is 100% foam tear.
3.
Two pieces of 3/4 in. thick, 2-lb. density polyester urethane foam were sprayed and bonded using 5 sec of
firm pressure. After 24 hrs, bonds were pulled apart by hand. The criterion for open time is 100% foam tear.


Similar Part No. - 6111HT

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6111 FILTRAN-6111 Datasheet
107Kb / 1P
ISDN U-Bus Input / Output Transformer
logo
Connor-Winfield Corpora...
6111 CONNOR-WINFIELD-6111 Datasheet
84Kb / 2P
1.8V LVCMOS Surface Mount Crystal Clock Oscillator
6111-20.00M CONNOR-WINFIELD-6111-20.00M Datasheet
84Kb / 2P
1.8V LVCMOS Surface Mount Crystal Clock Oscillator
logo
Micropac Industries
61111 MICROPAC-61111 Datasheet
90Kb / 2P
Hermetically sealed
61113 MICROPAC-61113 Datasheet
81Kb / 2P
GENERAL PURPOSE (NPN) TRANSISTOR SURFACE MOUNT PACKAGE
More results

Similar Description - 6111HT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDC009 ETC2-MDC009 Datasheet
238Kb / 4P
HOT MELT APPLICATOR OPERATING INSTRUCTIONS
logo
3M Electronics
3748VO 3M-3748VO Datasheet
142Kb / 6P
3M™ Self-Extinguishing Hot Melt Adhesive 3748 VO
Feb-2015
3792 3M-3792 Datasheet
345Kb / 4P
Hot Melt Adhesive
Jul-2016
3776LM 3M-3776LM Datasheet
345Kb / 4P
Hot Melt Adhesive
Jul-2016
3748 3M-3748 Datasheet
334Kb / 3P
Hot Melt Adhesive
Jul-2016
3750 3M-3750 Datasheet
336Kb / 3P
3M Hot Melt Adhesive
Jul-2016
3798LM 3M-3798LM Datasheet
124Kb / 6P
3M™ Hot Melt Adhesive 3798LM
Mar-2015
3797 3M-3797 Datasheet
340Kb / 3P
3M Hot Melt Adhesive
3789 3M-3789 Datasheet
340Kb / 3P
3M Hot Melt Adhesive
3762 3M-3762 Datasheet
335Kb / 3P
3M Hot Melt Adhesive
Jul-2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com