Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8991 Datasheet(PDF) 1 Page - 3M Electronics

Part # 8991
Description  3M™ Polyester Tape 8991/8991L
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8991 Datasheet(HTML) 1 Page - 3M Electronics

  8991 Datasheet HTML 1Page - 3M Electronics 8991 Datasheet HTML 2Page - 3M Electronics 8991 Datasheet HTML 3Page - 3M Electronics 8991 Datasheet HTML 4Page - 3M Electronics 8991 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ASK A 3M EXPERT
April, 2015
3M™ Polyester Tape 8991/8991L
Product Description
3M™ Polyester Tape 8991 is a blue polyester tape with a silicone adhesive.
It can be used in a large variety of high temperature applications including
powdercoat masking, ashbreaker, and bag sealing applications. Additional
applications include, splicing, tabbing, or roll closing silicone treated liners
or materials.
Product Features
• Polyester lms o er excellent thermal, abrasion, and chemical resistance
while maintaining their exibility.
• Blue color makes tape placement obvious for both application and
removal.
• Thin backing leaves a sharp paint line and some conformability.
• Silicone adhesives o er high heat resistance compared to many rubber
and acrylic adhesives, reducing failure due to softening, oozing, and
adhesive transfer.
• Silicone adhesives adhere well to tough-to-stick-to surfaces like silicone
liners and xtures coated with mold release.
• Silicone adhesive removes cleanly from many surfaces.
• Linered version available for die-cuts.


Similar Part No. - 8991

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8991 3M-8991 Datasheet
132Kb / 5P
3M™ Polyester Tape
Apr-2015
logo
Festo Corporation.
8991 FESTO-8991 Datasheet
88Kb / 1P
Roller lever valve
4/8/22
logo
Belden Inc.
89913 BELDEN-89913 Datasheet
140Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP
11-27-2023
89913-0101000 BELDEN-89913-0101000 Datasheet
140Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP
11-27-2023
89913-010500 BELDEN-89913-010500 Datasheet
140Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP
11-27-2023
More results

Similar Description - 8991

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8992 3M-8992 Datasheet
138Kb / 5P
3M™ Polyester Tape
Apr-2015
8429 3M-8429 Datasheet
125Kb / 6P
3M™ Polyester Tape 8429
Mar-2017
8991L 3M-8991L Datasheet
132Kb / 5P
3M™ Polyester Tape
Apr-2015
8911 3M-8911 Datasheet
132Kb / 5P
3M™ Polyester Tape 8911
May-2017
853 3M-853 Datasheet
128Kb / 5P
3M??Polyester Tape 853
RP060GF 3M-RP060GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP060GF
May, 2022
RP080GF 3M-RP080GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP080GF
May, 2022
RP110GF 3M-RP110GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP110GF
May, 2022
RP160GF 3M-RP160GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP160GF
May, 2022
RP230GF 3M-RP230GF Datasheet
69Kb / 8P
3M™ VHB™ Tape RP230GF
May, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com