Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B23F Datasheet(PDF) 2 Page - 3M Electronics

Part # B23F
Description  3M™ VHB™ Structural Glazing Tape B23F
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

B23F Datasheet(HTML) 2 Page - 3M Electronics

  B23F Datasheet HTML 1Page - 3M Electronics B23F Datasheet HTML 2Page - 3M Electronics B23F Datasheet HTML 3Page - 3M Electronics B23F Datasheet HTML 4Page - 3M Electronics B23F Datasheet HTML 5Page - 3M Electronics B23F Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3M™ VHB™ Structural Glazing Tape B23F
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Notes
Color
Black
Adhesive
High Performance Acrylic
Adhesive Carrier
Acrylic Foam (closed cell)
Adhesive Thickness
2.3 mm
90 mil
Density
720 kg/m³
45 lb/ft³
ASTM D3574
Foam with adhesive
Liner
Red Polyethylene Film
Liner Thickness
0.125 mm
5 mil
Typical Performance Characteristics
Property
Values
Method
Substrate
Attribute Modi er
90° Peel Adhesion
52.5 N/cm
30 lb/in
ASTM D3330
Anodized Aluminum
Normal Tensile
480 kPa
70 lb/in²
ASTM D897
Aluminum T-block
T-Block
Overlap Shear
Strength
450 kPa
65 lb/in²
ASTM D1002
Anodized Aluminum
Relative High Temperature Operating Ranges
Test Condition
149 °C
300 °F
Short Term (minutes, hours)
93 °C
200 °F
Long Term (days, weeks)
Property: Relative High Temperature Operating Ranges
Static Shear
Test Condition
1000 g/3.2cm²
2.2 lb/0.5 in²
Room Temperature
500 g/3.2cm²
1.1 lb/0.5 in²
66°C (150°F)
500 g/3.2cm²
1.1 lb/0.5 in²
93°C (200°F)
Property: Static Shear
Method: ASTM D3654
notes: Holds 10,000 min.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com