Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3345 Datasheet(PDF) 2 Page - 3M Electronics

Part # R3345
Description  3M™ Repulpable Splice System R3345
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

R3345 Datasheet(HTML) 2 Page - 3M Electronics

  R3345 Datasheet HTML 1Page - 3M Electronics R3345 Datasheet HTML 2Page - 3M Electronics R3345 Datasheet HTML 3Page - 3M Electronics R3345 Datasheet HTML 4Page - 3M Electronics R3345 Datasheet HTML 5Page - 3M Electronics R3345 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3M™ Repulpable Splice System R3345
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be
used for speci cation purposes.
Typical Physical Properties
Color
Splicing side - blue
Tabbing side - blue
Table continued on next page
Property
Values
Notes
Method
Total Tape
Thickness
without liner
0.12 mm
4.8 mil
Post - Split
Splicing Tape
Thickness
0.06 mm
2.6 mil
Post - Split
Tabbing Tape
Thickness
0.05 mm
2.2 mil
Backing
Repulpable paper
Adhesive
Repulpable
adhesive
Liner
Easy-release
coated
repulpable paper
Liner Thickness
0.06 mm
2.4 mil



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com