Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9737 Datasheet(PDF) 2 Page - 3M Electronics

Part # 9737
Description  3M Double Coated Splicing Tapes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9737 Datasheet(HTML) 2 Page - 3M Electronics

  9737 Datasheet HTML 1Page - 3M Electronics 9737 Datasheet HTML 2Page - 3M Electronics 9737 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3MTM Double Coated Splicing Tapes
9737 • 9737R • 9738 • 9738R
- 2 -
Application Techniques
Bond strength is dependent upon the amount of adhesive-to-surface contact. Firm
application pressure helps ensure better adhesive contact and improve bond strength.
To obtain optimum adhesion, the bonding surfaces must be clean, dry, and uniform.
Some typical surface cleaning solvents are isopropyl alcohol or heptane.*
Ideal tape application temperature range is 70°F to 100°F (21°C to 38°C). Initial
tape application to surfaces at temperatures below 50°F (10°C) is not recommended
because the adhesive becomes too firm to adhere readily. However, once properly
applied, low temperature holding is generally satisfactory.
*Note: When using solvents, extinguish all ignition sources, including pilot lights,
and follow the manufacturer’s precautions and directions for use.
Please contact your 3M sales representative or contact 3M customer service at
1-800-362-3550 for details on available sizes.
Available Sizes
Application Equipment
For additional dispenser information, contact your local 3M sales representative, or
the toll free 3M sales assistance number at 1-800-362-3550.
Storage
Store in original cartons at 70°F (21°C) and 50% relative humidity.
Shelf Life
If stored under proper conditions, product retains its performance and properties for
one year from date of manufacture.
Features & Benefits
• Versatile splicing tape product meets a wide variety of application requirements.
• Excellent peel, tack and shear.
• Adheres well to Kraft and coated papers.
• Moisture resistant.
• Good temperature resistance.
• Excellent performance at high and low temperatures.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com