Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3903 Datasheet(PDF) 1 Page - 3M Electronics

Part # 3903
Description  3M Vinyl Duct Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3903 Datasheet(HTML) 1 Page - 3M Electronics

  3903 Datasheet HTML 1Page - 3M Electronics 3903 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Vinyl Duct Tape
3903
Technical Data
January, 2018
Product Description
3M™ Vinyl Duct Tape 3903 is a general purpose duct tape with a rubber
adhesive and hand tearable, embossed vinyl backing.
Product Construction
Backing
Adhesive
Colors
Standard Roll Length
Embossed Vinyl
Rubber
Black, Blue, Green,
Gray, Red, White,
Yellow
50 yds. (45.7 m)
Typical
Physical
Properties
Note: The following technical information and data should be considered
representative or typical only and should not be used for specification
purposes.
ASTM Test Method
Adhesion to Steel:
15.4 oz./in. width (16.8 N/100 mm)
D-3330
Tensile Strength:
14.5 lbs./in. width (253 N/100 mm)
D-3759
Elongation at Break:
134%
D-3759
Tape Thickness:
7.3 mils (0.19 mm)
D-3652
Temperature Use Range:
Up to 200°F (93°C)
Features
•
Embossed vinyl backing is conformable to many surfaces.
•
Hand-tearable.
•
Rubber adhesive bonds well to many surfaces.
Application Ideas
•
Applications in the construction, electrical and industrial markets.
•
Applications for identification and protection.
•
Sealing and protecting surfaces and openings from dust, dirt and moisture.
•
Color-coding, non-critical masking, wrapping and bundling.


Similar Part No. - 3903

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
39030 ETC2-39030 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
39030 ETC2-39030 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
39030 ETC2-39030 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
39030 ETC2-39030 Datasheet
67Kb / 3P
Plastek n-Plant Handlers
39031 ETC2-39031 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
More results

Similar Description - 3903

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1700 3M-1700 Datasheet
30Kb / 2P
3M Temflex Vinyl Electrical Tape 1700
Nov-2011
175 3M-175 Datasheet
127Kb / 2P
3M Temflex Vinyl Electrical Tape 175
Rev C
4712 3M-4712 Datasheet
127Kb / 4P
3M™ Vinyl Tape 4712 (Linered)
Feb-2011
DT17 3M-DT17 Datasheet
129Kb / 5P
3M™ Super Duty Duct Tape DT17
Mar-2019
2929 3M-2929 Datasheet
140Kb / 5P
3M™ General Use Duct Tape 2929
Feb-2013
3979 3M-3979 Datasheet
126Kb / 5P
3M™ Contractor Grade Duct Tape 3979
Apr-2014
2158B 3M-2158B Datasheet
174Kb / 9P
3M??Value Duct Tape 1900
Dec-2009
1900 3M-1900 Datasheet
141Kb / 5P
3M™ Value Duct Tape 1900
Jun-2011
767 3M-767 Datasheet
131Kb / 5P
3M??Hazard Marking Vinyl Tape 767
764 3M-764 Datasheet
140Kb / 5P
3M??General Purpose Vinyl Tape 764
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com