Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7983PU50R Datasheet(PDF) 2 Page - STMicroelectronics

Part # L7983PU50R
Description  60 V, 300 mA synchronous step-down switching regulator with 10 μA quiescent current
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7983PU50R Datasheet(HTML) 2 Page - STMicroelectronics

  L7983PU50R Datasheet HTML 1Page - STMicroelectronics L7983PU50R Datasheet HTML 2Page - STMicroelectronics L7983PU50R Datasheet HTML 3Page - STMicroelectronics L7983PU50R Datasheet HTML 4Page - STMicroelectronics L7983PU50R Datasheet HTML 5Page - STMicroelectronics L7983PU50R Datasheet HTML 6Page - STMicroelectronics L7983PU50R Datasheet HTML 7Page - STMicroelectronics L7983PU50R Datasheet HTML 8Page - STMicroelectronics L7983PU50R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
The synchronous rectification, designed for high efficiency at medium - heavy load,
and the high switching frequency capability make the size of the application compact.
Pulse-by-pulse current sensing on both power elements implements an effective
constant current protection.
L7983
DS13354 - Rev 1
page 2/43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com