Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24128X-FCU6/T Datasheet(PDF) 28 Page - STMicroelectronics

Part # M24128X-FCU6/T
Description  128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128X-FCU6/T Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M24128X-FCU6/T Datasheet HTML 24Page - STMicroelectronics M24128X-FCU6/T Datasheet HTML 25Page - STMicroelectronics M24128X-FCU6/T Datasheet HTML 26Page - STMicroelectronics M24128X-FCU6/T Datasheet HTML 27Page - STMicroelectronics M24128X-FCU6/T Datasheet HTML 28Page - STMicroelectronics M24128X-FCU6/T Datasheet HTML 29Page - STMicroelectronics M24128X-FCU6/T Datasheet HTML 30Page - STMicroelectronics M24128X-FCU6/T Datasheet HTML 31Page - STMicroelectronics M24128X-FCU6/T Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Table 18. Ultra thin WLCSP- 4-bump, 0.851 x 0.851 mm, with BSC, wafer level chip scale package
mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.265
0.295
0.330
0.0104
0.0116
0.0130
A1
-
0.095
-
-
0.0037
-
A2
-
0.175
-
-
0.0079
-
A3 (BSC)
-
0.025
-
-
0.0010
-
b(2)(3)
-
0.185
-
-
0.0073
-
D
-
0.851
0.871
-
0.0335
0.0343
E
-
0.851
0.871
-
0.0335
0.0343
e
-
0.400
-
-
0.0157
-
e1
-
0.500
-
-
0.0197
-
F
-
0.226
-
-
0.0089
-
G
-
0.176
-
-
0.0069
-
aaa
-
0.110
-
-
0.0043
-
bbb
-
0.110
-
-
0.0043
-
ccc
-
0.110
-
-
0.0043
-
ddd
-
0.060
-
-
0.0024
-
eee
-
0.060
-
-
0.0024
-
1. Values in inches are converted from mm and rounded to 4 decimal digits.
2. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
3. Primary datum Z and seating plane are defined by the spherical crowns of the bump.
Figure 17. Ultra thin WLCSP- 4-bump, 0.851 x 0.851 mm, wafer level chip scale recommended footprint
e1
e
4 bumps x
Ø 0.185 mm
M24128X-FCU
Ultra thin WLCSP4 package information
DS12680 - Rev 2
page 28/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com