Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24128X-FCU6/TF Datasheet(PDF) 10 Page - STMicroelectronics

Part # M24128X-FCU6/TF
Description  128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128X-FCU6/TF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M24128X-FCU6/TF Datasheet HTML 6Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 7Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 8Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 9Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 10Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 11Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 12Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 13Page - STMicroelectronics M24128X-FCU6/TF Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
6.1.1
Byte write
After the device select code and the address bytes, the bus master sends one data byte. If the addressed location
is write-protected, with the SWP bit set to '1', the device replies with NoACK, and the location is not modified, as
shown in Figure 6. If, instead, the addressed location is not Write-protected, the device replies with ACK. The bus
master terminates the transfer by generating a stop condition, as shown in Figure 5.
Figure 5. Write mode sequence SWP bit = 0 (data write enabled)
Byte Write
Dev sel
Byte addr
Byte addr
Data in
Page Write
Dev sel
Byte addr
Byte addr
Data in 1
Data in 2
Page Write (cont'd)
Data in N
ACK
R/W
ACK
ACK
ACK
ACK
ACK
ACK
ACK
R/W
ACK
ACK
M24128X-FCU
Write operations on memory array
DS12680 - Rev 2
page 10/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com