Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH286-PL Datasheet(PDF) 1 Page - Anachip Corp

Part # AH286-PL
Description  Hall-Effect Smart Fan Motor Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH286-PL Datasheet(HTML) 1 Page - Anachip Corp

  AH286-PL Datasheet HTML 1Page - Anachip Corp AH286-PL Datasheet HTML 2Page - Anachip Corp AH286-PL Datasheet HTML 3Page - Anachip Corp AH286-PL Datasheet HTML 4Page - Anachip Corp AH286-PL Datasheet HTML 5Page - Anachip Corp AH286-PL Datasheet HTML 6Page - Anachip Corp AH286-PL Datasheet HTML 7Page - Anachip Corp AH286-PL Datasheet HTML 8Page - Anachip Corp AH286-PL Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AH286
Hall-Effect Smart Fan Motor Controller
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.0 Sep 29, 2005
1/9
Features
- On chip Hall sensor
- Rotor-locked shutdown
- Automatically restart
- Rotor-state detection (RD) output
- Buil t-in Zener protection for output driver
- Operating voltage: 3.8V~20 V
- Output current: IO(AVE) = 500mA for SIP-5/SOT89-5
- Output current: IO(AVE) = 400mA for SOT23-5
- Package: SIP-5L, SOT23-5L, SOT89-5L
Pin Configuration
1 : RD
2 : Vdd
3 : DO
4 : DOB
( Front View )
15
4
3
2
286
5 : GND
General Description
AH286 is a monolithic fan motor controller with Hall
sensor’s capability. It contains two complementary
open-drain transistors for motor’s coil driving,
automatic lock current shutdown, and recovery
protections. In addition, rotor-state detection (RD)
output is for Rotor-state detection.
To avoid coil burning, rotor-lock shutdown detection
circuit shut down the output driver if the rotor is
blocked and then the automatic recovery circuit will
try to restart the motor. This function repeats while
the rotor is blocked. Until the blocking is removed,
the motor recovers running normally.
Pin Descriptions
Symbol
Description
RD
Rotor-state detection
Vdd
Input power
DO
Output pin
DOB
Output pin
GND
Ground
SIP-5L
1
2
3
74
5
DOB
DO
GND
RD
Vdd
SOT89-5L
286
1
3
2
5
4
SOT23-5
RD GND
DO
DOB
Vdd
286
Ordering Information
AH286 X - X X X
Packing
Blank : Bulk
A : Tape & Reel
P: SIP-5L
Package
Lead
L : Lead Free
Wafer Body
Blank or
A~Z : if necessary
to specify
Y: SOT89-5L
W: SOT23-5L
(for SOT Packages Only)


Similar Part No. - AH286-PL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH286-PL-13 DIODES-AH286-PL-13 Datasheet
186Kb / 10P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH286-PL-7 DIODES-AH286-PL-7 Datasheet
186Kb / 10P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH286-PL-B DIODES-AH286-PL-B Datasheet
186Kb / 10P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
More results

Similar Description - AH286-PL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH284 ETC-AH284 Datasheet
271Kb / 9P
Hall-Effect Smart Fan Motor Controller
logo
Anachip Corp
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.7 Apr 16, 2004
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.4 Apr 16, 2004
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.7 Apr 16, 2004
AH285 ANACHIP-AH285 Datasheet
201Kb / 9P
Hall-Effect Smart Fan Motor Controller
Rev. 1.0 Sep 29, 2005
logo
Diodes Incorporated
AH284 DIODES-AH284 Datasheet
236Kb / 9P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH285 DIODES-AH285 Datasheet
215Kb / 8P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
AH286 DIODES-AH286 Datasheet
186Kb / 10P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
logo
Anachip Corp
AH284 ANACHIP-AH284 Datasheet
183Kb / 6P
Hall-Effect Smart Fan Motor Controller
Rev. 0.2 Jan 19, 2005
logo
Diodes Incorporated
AH286 DIODES-AH286_10 Datasheet
90Kb / 9P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev 12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com