Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3045W Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS3045W
Description  3.3V Single-Piece 1Mb Nonvolatile SRAM with Clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3045W Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS3045W Datasheet HTML 1Page - Maxim Integrated Products DS3045W Datasheet HTML 2Page - Maxim Integrated Products DS3045W Datasheet HTML 3Page - Maxim Integrated Products DS3045W Datasheet HTML 4Page - Maxim Integrated Products DS3045W Datasheet HTML 5Page - Maxim Integrated Products DS3045W Datasheet HTML 6Page - Maxim Integrated Products DS3045W Datasheet HTML 7Page - Maxim Integrated Products DS3045W Datasheet HTML 8Page - Maxim Integrated Products DS3045W Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
3.3V Single-Piece 1Mb Nonvolatile SRAM
with Clock
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -40°C to +85°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on Any Pin Relative to Ground......-0.3V to +4.6V
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range ...............................-40°C to +85°C
Soldering Temperature Range .......See IPC/JEDEC J-STD-020C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
3.0
3.3
3.6
V
Input Logic 1
VIH
2.2
VCC
V
Input Logic 0
VIL
0.0
0.4
V
PIN CAPACITANCE
(TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Capacitance
CIN
Not production tested
15
pF
Input/Output Capacitance
COUT
Not production tested
15
pF
DC ELECTRICAL CHARACTERISTICS
(VCC = 3.3V ±0.3V, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage Current
IIL
-1.0
+1.0
µA
I/O Leakage Current
IIO
CE = CS = VCC
-1.0
+1.0
µA
Output-Current High
IOH
At 2.4V
-1.0
mA
Output-Current Low
IOL
At 0.4V
2.0
mA
Output-Current Low RST
IOL RST
At 0.4V (Note 1)
8.0
mA
Output-Current Low IRQ/FT
IOL IRQ/FT At 0.4V (Note 1)
7.0
mA
ICCS1
CE = CS = 2.2V
0.5
7
Standby Current
ICCS2
CE = CS = VCC - 0.2V
0.2
5
mA
Operating Current
ICCO1
tRC = 200ns, outputs open
50
mA
Write Protection Voltage
VTP
2.8
2.9
3.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com