| Electronic Components Datasheet Search |
|
SMA6T12AY Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SMA6T12AY Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 13 page ![]() 1 Characteristics Table 1. Absolute maximum ratings (Tamb = 25 °C) Symbol Parameter Value Unit VPP Peak pulse voltage ISO10605 (C = 330 pF, R = 330 Ω): Contact discharge Air discharge ISO10605 / IEC 61000-4-2 (C = 150 pF, R = 330 Ω) Contact discharge Air discharge 30 30 30 30 kV PPP Peak pulse power dissipation 10/1000 µs, Tj initial = Tamb 600 W Tj Operating junction temperature range -55 to +150 °C Tstg Storage temperature range -65 to +150 °C TL Maximum lead temperature for soldering during 10 s 260 °C Figure 1. Electrical characteristics - parameter definitions Figure 2. Pulse definition for electrical characteristics 0 10 20 30 40 50 60 70 80 90 100 110 IPP% t (µs) tr = rise time tp = pulse duration time tr tp SMA6TY Characteristics DS6931 - Rev 8 page 2/13 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |