Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST715CR Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST715CR
Description  High input voltage, 85 mA LDO linear regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST715CR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST715CR Datasheet HTML 16Page - STMicroelectronics ST715CR Datasheet HTML 17Page - STMicroelectronics ST715CR Datasheet HTML 18Page - STMicroelectronics ST715CR Datasheet HTML 19Page - STMicroelectronics ST715CR Datasheet HTML 20Page - STMicroelectronics ST715CR Datasheet HTML 21Page - STMicroelectronics ST715CR Datasheet HTML 22Page - STMicroelectronics ST715CR Datasheet HTML 23Page - STMicroelectronics ST715CR Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
DocID14414 Rev 15
23/24
ST715
Revision history
24
10
Revision history
Table 14. Document revision history
Date
Revision
Changes
08-Feb-2008
1
Initial release.
19-Feb-2008
2
Modified: Features on page 1.
22-Sep-2008
3
Modified: DFN8 (3x3 mm) mechanical data 10 on page 23.
26-Nov-2008
4
Modified: Section 5 on page 8.
24-Mar-2010
5
Modified: Table 4 on page 5.
24-Mar-2010
6
Modified: IQ max values Table 6 on page 6 and Table 7 on page 7.
20-May-2010
7
Modified: Table 2 and Table 4 on page 4.
28-Jan-2014
8
Part numbers ST715xx, ST715xx25, ST715xx33 changed to ST715.
Added package DFN8 (3 x 3 mm).
Updated the title, the features and the description in cover page.
Updated Section 1: Diagram, Section 2: Pin configuration, Section 3: Maximum
ratings, Section 4: Electrical characteristics and Section 8: Package
mechanical data.
Added Section 9: Packaging mechanical data.
Minor text changes.
21-May-2014
9
Updated Section 8: Package mechanical data.
Minor text changes.
26-Sep-2014
10
Updated Table 2: Pin description (DFN8 3x3 mm) and Table 3: Pin description
(SOT23-5L/SOT323-5L).
Updated Figure 9: COUT stability region.
Minor text changes.
15-Oct-2014
11
Updated Table 6 on page 6 and Table 7 on page 7.
Minor text changes.
08-Jan-2018
12
Updated Table 6: Electrical characteristics - adjustable version.
06-Jul-2018
13
Added new order code ST715C50R on Table 1: Device summary.
06-Apr-2020
14
Updated Table 2: Pin description (DFN8 3x3 mm).
12-Oct-2020
15
Added new order code ST715CR in Table 1 on the cover page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com