Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9475LE Datasheet(PDF) 3 Page - 3M Electronics

Part # 9475LE
Description  High Strength Double Coated Tape with Adhesive 300LSE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9475LE Datasheet(HTML) 3 Page - 3M Electronics

  9475LE Datasheet HTML 1Page - 3M Electronics 9475LE Datasheet HTML 2Page - 3M Electronics 9475LE Datasheet HTML 3Page - 3M Electronics 9475LE Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
- 3 -
3M™ High Strength Double Coated Tape
with Adhesive 300LSE
9475LE • 9475LEB
Application
Techniques
Bond strength is dependent upon the amount of adhesive-to-surface contact developed.
Firm application pressure and moderate heat, from 100°F (38°C) to 130°F (54°C), will
assist the adhesive in developing intimate contact with the bonding surface.
To obtain optimum adhesion, the bonding surfaces must be clean, dry and well
unified. Some typical surface cleaning solvents are isopropyl alcohol or heptane.*
Ideal tape application temperature range is 70°F to 100°F (21°C to 38°C). Initial
tape application to surfaces at temperatures below 50°F (10°C) is not recommended
because the adhesive becomes too firm to adhere readily. However, once properly
applied, low temperature holding is generally satisfactory.
*Carefully read and follow the manufacturer’s precautions and directions for use
when working with solvents. These cleaning recommendations may not be
compliant with the rules of certain Air Quality Management Districts in California;
consult applicable rules before use.
Environmental
Performance
Humidity Resistance: High humidity has minimal effect on adhesive performance.
No significant reduction in bond strength is observed after exposure for 7 days at
90°F (32°C) and 90% relative humidity.
UV Resistance: When properly applied, nameplates and decorative trim parts are
not adversely affected by exposure.
Water Resistance: Immersion in water has no appreciable effect on the bond
strength. After 100 hours at room temperature, the high bond strength is maintained.
Temperature Cycling Resistance: High bond strength is maintained after cycling
four times through:
4 hours at 158°F (70°C)
4 hours at -20°F (-29°C)
4 hours at 73°F (22°C)
Chemical Resistance: When properly applied, nameplate and decorative trim parts
will hold securely after exposure to numerous chemicals including oil, mild acids
and alkalis.
Application Ideas
• Foam to powder coated painted surfaces.
• Low surface energy plastic adhesion.
Application Equipment
To apply adhesives in a wide web format, lamination equipment is required to
ensure acceptable quality. To learn more about working with pressure-sensitive
adhesives please refer to technical bulletin, Lamination Techniques for Converters
of Laminating Adhesives (70-0704-1430-8).
For additional dispenser information, contact your local 3M sales representative, or
the toll free 3M sales assistance number at 1-800-362-3550.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com