Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8985L Datasheet(PDF) 2 Page - 3M Electronics

Part # 8985L
Description  3M??Anodization Masking Tape 8985L
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8985L Datasheet(HTML) 2 Page - 3M Electronics

  8985L Datasheet HTML 1Page - 3M Electronics 8985L Datasheet HTML 2Page - 3M Electronics 8985L Datasheet HTML 3Page - 3M Electronics 8985L Datasheet HTML 4Page - 3M Electronics 8985L Datasheet HTML 5Page - 3M Electronics 8985L Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3M™ Anodization Masking Tape 8985L
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be
used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Color
Purple Printed
Total Tape Thickness
0.099 mm
3.9 mil
ASTM D3652
Backing Thickness
0.076 mm
3 mil
ASTM D3652
Backing
Polyester
Adhesive
Rubber
Liner
Polyester
Liner Thickness
0.051 mm
2 mil
ASTM D3652
Typical Performance Characteristics
Property Values
Method
Dwell/Cure
Time
Substrate
Notes
180°
Peel
Adhesion
2.5 N/cm
23 oz/in
ASTM
D3330
Initial
Stainless
Steel
12 in/min (300 mm/min)
Tensile
Strength
1234
N/100mm
70 lb/in
ASTM
D3759
Elongation
at
Break
131 %
ASTM
D3759
Temperature
Use
Range
Up to 93
°C
Up to 200
°F



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com