Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08641 Datasheet(PDF) 1 Page - 3M Electronics

Part # 08641
Description  Automix??Channel Bonding and Sidelite Adhesive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

08641 Datasheet(HTML) 1 Page - 3M Electronics

  08641 Datasheet HTML 1Page - 3M Electronics 08641 Datasheet HTML 2Page - 3M Electronics 08641 Datasheet HTML 3Page - 3M Electronics 08641 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Library
TS Data Sheet 08641
Public
Rev:1
Status : Active
Effective: 05/26/99
Automix™ Channel Bonding and Sidelite Adhesive
Data Sheet
3M Part No.(s)
3M Part Descriptor(s)
08641
3M Fax on Demand Identification Number:
Description
3M Automix
TM
Channel Bonding and Sidelite Adhesive is a fast curing flexible adhesive for bonding
automotive side glass to metal channels and to rapidly bond stationary side glass into place.
3M Automix
TM
Channel Bonding and Sidelite Adhesive is to be used in conjunction with P.N. 08197
Mix/Dispense Nozzle and P.N. 08191 Heavy Duty Automix Applicator Gun.
This total mixing and application system will provide precise placement of adhesive with no waste and time
savings.
Features, Advantages, Benefits
Features
Advantages
Benefits
Typical Physical Properties
Container
Base
Accelerator
Density lbs/Gallon (Appx.)
9.80
9.86
Color
Milky White
Black
Solids Content (Appx.)
100%
100%
Work Life Through Dispenser
Nozzle
4-5 Minutes
Product Uses
Performance Properties
1


Similar Part No. - 08641

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0864100 PHOENIX-0864100 Datasheet
188Kb / 6P
WMS-2 HF 12,7 (EX20)RL - Shrink sleeve
0864101 PHOENIX-0864101 Datasheet
185Kb / 5P
WMS-2 HF 12,7 (EX20)RL RD - Shrink sleeve
0864102 PHOENIX-0864102 Datasheet
189Kb / 6P
WMS-2 HF 12,7 (EX20)RL BU - Shrink sleeve
0864103 PHOENIX-0864103 Datasheet
188Kb / 6P
WMS-2 HF 19,1 (EX30)RL - Shrink sleeve
0864104 PHOENIX-0864104 Datasheet
189Kb / 6P
WMS-2 HF 19,1 (EX30)RL RD - Shrink sleeve
More results

Similar Description - 08641

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344171 ETC2-1344171 Datasheet
93Kb / 2P
Shielding and Bonding Cable.
1345387 ETC2-1345387 Datasheet
93Kb / 2P
Shielding and Bonding Cable.
1351630 ETC2-1351630 Datasheet
92Kb / 2P
Shielding and Bonding Cable.
1351692 ETC2-1351692 Datasheet
93Kb / 2P
Shielding and Bonding Cable
SC51-1 ETC2-SC51-1 Datasheet
1Mb / 9P
Diamond Bonding and Grounding Hardware
logo
3M Electronics
AU-205 3M-AU-205 Datasheet
61Kb / 5P
3M™ Magnet Bonding Adhesive
Rev C
9628FL 3M-9628FL Datasheet
40Kb / 4P
Double Coated Tape with Quick Bonding Adhesive 360
Sep-2009
9628B 3M-9628B Datasheet
40Kb / 4P
Double Coated Tape with Quick Bonding Adhesive
Sep-2009
360 3M-360 Datasheet
40Kb / 4P
Double Coated Tape with Quick Bonding Adhesive 360
9626 3M-9626 Datasheet
35Kb / 4P
Adhesive Transfer Tape with Quick Bonding Adhesive 360
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com