Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

345 Datasheet(PDF) 3 Page - 3M Electronics

Part # 345
Description  Vibration Damping Tapes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

345 Datasheet(HTML) 3 Page - 3M Electronics

  345 Datasheet HTML 1Page - 3M Electronics 345 Datasheet HTML 2Page - 3M Electronics 345 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3M™ Vibration Damping Tapes
434 • 435 • 436
Applications
• For lower temperature aerospace and industrial applications.
• Reduce unwanted resonant noise, vibration and fatigue in metal panels and
support structures.
• Chutes, conveyors, bins, metal shop boxes and tables where metal contact with
materials can result in unwanted vibration.
Storage
Store under normal conditions of 70°F (21°C) and 50% R.H. in the original carton.
Shelf Life
To obtain best performance, use this product within 24 months from date of manufacture.
For Additional
Information
To request additional product information or to arrange for sales assistance, call toll free 1-800-362-3550
or visit www.3M.com/industrialtape. Address correspondence to: 3M Industrial Adhesives and Tapes
Division, Building 225-3S-06, St. Paul, MN 55144-1000. Our fax number is 877-369-2923. In Canada,
phone: 1-800-364-3577. In Puerto Rico, phone: 1-787-750-3000. In Mexico, phone: 52-70-04-00.
Product Use
All statements, technical information and recommendations contained in this document are based
upon tests or experience that 3M believes are reliable. However, many factors beyond 3M’s control
can affect the use and performance of a 3M product in a particular application, including the
conditions under which the product is used and the time and environmental conditions in which the
product is expected to perform. Since these factors are uniquely within the user’s knowledge and
control, it is essential that the user evaluate the 3M product to determine whether it is fit for a
particular purpose and suitable for the user’s method of application.
Warranty and
Limited Remedy
Unless stated otherwise in 3M’s product literature, packaging inserts or product packaging for individual products,
3M warrants that each 3M product meets the applicable specifications at the time 3M ships the product. Individual
products may have additional or different warranties as stated on product literature, package inserts or product
packages. 3M MAKES NO OTHER WARRANTIES, EXPRESS OR IMPLIED, INCLUDING, BUT NOT
LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR
PURPOSE OR ANY IMPLIED WARRANTY ARISING OUT OF A COURSE OF DEALING, CUSTOM OR
USAGE OF TRADE. User is responsible for determining whether the 3M product is fit for a particular purpose and
suitable for user’s application. If the 3M product is defective within the warranty period, your exclusive remedy and
3M’s and seller’s sole obligation will be, at 3M’s option, to replace the product or refund the purchase price.
Limitation of Liability
Except where prohibited by law, 3M and seller will not be liable for any loss or damage arising from
the 3M product, whether direct, indirect, special, incidental or consequential, regardless of the legal
theory asserted, including warranty, contract, negligence or strict liability.
ISO 9001
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001 standards.
3
Industrial Business
Industrial Adhesives and Tapes Division
3M Center, Building 223-3S-06,
St. Paul, MN 55144-1000
- 3 -
Recycled Paper
40% pre-consumer
10% post-consumer
Printed in U.S.A.
©3M 2013 (11/13)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com