Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC628MW Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # SC628MW
Description  Voltage Rating 6 to 28 VDC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

SC628MW Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  SC628MW Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
SC628MW
D
Mallory Sonalert Products,Inc.
Sales Outline Drawing
Fast Warble @ 2 - 10 PPS
2900 ± 500 Hz
Duty Cycle (%)
MILITARY UNIT
Medium
6 to 28 VDC
Voltage Rating
Frequency
Specifications:
Sound Level Category
Mode of Operation
Loudness @ Max Vdc
Current Draw
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mallory-sonalert.com
-65° to +85° C
-40° to +85° C
Recommended hole size is 1.25"(31.75mm). Thread front will fit standard 30mm(1.181") hole.
Dimensions: Inches (mm)
Weight (Typical)
1.6 oz (45g)
NEMA 3R,4X, & 12
Approved with use of ACC03.
Options
Please contact factory.
Housing Material
Panel Mounting
Used to attach part to panel. The max recommended torque is 10 in-lbs.
Loudness @ Min Vdc
70 dB(A) @ 2 Feet and 6 Vdc
4-16mA
85 dB(A) @ 2 Feet and 28 Vdc
6/6 Nylon, Color: Black
Knurled Nut
Storage Temperature
Operating Temperature
50


Similar Part No. - SC628MW

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SC628M MSPI-SC628M Datasheet
55Kb / 1P
Voltage Rating 6 to 28 VDC
SC628MA MSPI-SC628MA Datasheet
34Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628MAH MSPI-SC628MAH Datasheet
34Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628MD MSPI-SC628MD Datasheet
55Kb / 1P
Voltage Rating 6 to 28 VDC
SC628MH MSPI-SC628MH Datasheet
55Kb / 1P
Voltage Rating 6 to 28 VDC
More results

Similar Description - SC628MW

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SC628EJR MSPI-SC628EJR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VDC
SC628FJWR MSPI-SC628FJWR Datasheet
59Kb / 1P
Voltage Rating 6 to 28 VDC
SC628FR MSPI-SC628FR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VDC
SC628JR MSPI-SC628JR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VDC
SC628JU-1R MSPI-SC628JU-1R Datasheet
59Kb / 1P
Voltage Rating 6 to 28 VDC
SC628KR MSPI-SC628KR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VDC
SC628LR MSPI-SC628LR Datasheet
82Kb / 1P
Voltage Rating 6 to 28 VDC
SC628MN MSPI-SC628MN Datasheet
55Kb / 1P
Voltage Rating 6 to 28 VDC
SC628MNP MSPI-SC628MNP Datasheet
34Kb / 1P
Voltage Rating 6 to 28 VDC
SC628NLR MSPI-SC628NLR Datasheet
82Kb / 1P
Voltage Rating 6 to 28 VDC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com