Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCFM16 Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # SCFM16
Description  Flush Mount - 16mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

SCFM16 Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  SCFM16 Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mallory Sonalert Products Inc.
Part #
SCFM16
Sonalert
® Accessory Drawing
Revision
A
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A
 Phone: (317)612-1000 Fax: (317)612-1010  www.mallory-sonalert.com
Flush Mount - 16mm
For use with panel hole of 32mm diameter and minimum thickness of 1.5mm.
Sonalert
Gasket
Panel
Flush Mount Nut
Instructions for Assembly:
1. Place Flush Mount Nut through hole in panel (Nut is keyed).
2. Place Gasket over Flush Mount Nut.
3. Screw Sonalert into assembly and tighten.


Similar Part No. - SCFM16

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SCF MACOM-SCF Datasheet
148Kb / 1P
Programmable Time Delay Relay
logo
TE Connectivity Ltd
SCF TEC-SCF Datasheet
181Kb / 1P
4 user-programmable timing modes
logo
Kemet Corporation
SCF-01-5000 KEMET-SCF-01-5000 Datasheet
76Kb / 1P
KEMET, SCF, AC Line Filters, Common Mode, 0.05 H
SCF-01-5000 KEMET-SCF-01-5000 Datasheet
484Kb / 8P
Common Mode SCF Coils, SCF Series, High Inductance Type
SCF-01-50002 KEMET-SCF-01-50002 Datasheet
385Kb / 4P
SC Coils, SCF Compact, High-inductance Type
More results

Similar Description - SCFM16

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
UW3803X STANLEY-UW3803X Datasheet
181Kb / 13P
Flush Mount Type White LED
logo
Dialight Corporation
616-1132-120F DIALIGHT-616-1132-120F Datasheet
81Kb / 1P
LED Panel Mount Indicators for 16mm Mounting Hole
logo
Adam Technologies, Inc.
DC37-PA-M1-15 ADAM-TECH-DC37-PA-M1-15 Datasheet
81Kb / 1P
D-SUB PLUG FLUSH MOUNT
DE09-SA-M2 ADAM-TECH-DE09-SA-M2 Datasheet
91Kb / 1P
D-SUB FLUSH MOUNT
DE09-SA-M2-BL ADAM-TECH-DE09-SA-M2-BL Datasheet
93Kb / 1P
D-SUB FLUSH MOUNT
DXXX-PA-M2-BL-JS ADAM-TECH-DXXX-PA-M2-BL-JS Datasheet
86Kb / 1P
D-SUB PLUG FLUSH MOUNT
DXXX-SA-M2-BL ADAM-TECH-DXXX-SA-M2-BL Datasheet
84Kb / 1P
FLUSH MOUNT STRAIGHT PCB
logo
Tyco Electronics
DP16 MACOM-DP16 Datasheet
161Kb / 2P
16mm Rotary Encoder
logo
CIT Relay & Switch
CH2LBNRB12 CIT-CH2LBNRB12 Datasheet
352Kb / 6P
Illuminated Pushbutton - 16mm
logo
HARTING Technology Grou...
09-00-000-5363 HARTING-09-00-000-5363 Datasheet
457Kb / 2P
Kabeldurchf체hrungst체lle 15-16mm
2021-10-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com