Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLQ020C22R Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLQ020C22R
Description  200 mA ultra-low quiescent current LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ020C22R Datasheet(HTML) 3 Page - STMicroelectronics

  STLQ020C22R Datasheet HTML 1Page - STMicroelectronics STLQ020C22R Datasheet HTML 2Page - STMicroelectronics STLQ020C22R Datasheet HTML 3Page - STMicroelectronics STLQ020C22R Datasheet HTML 4Page - STMicroelectronics STLQ020C22R Datasheet HTML 5Page - STMicroelectronics STLQ020C22R Datasheet HTML 6Page - STMicroelectronics STLQ020C22R Datasheet HTML 7Page - STMicroelectronics STLQ020C22R Datasheet HTML 8Page - STMicroelectronics STLQ020C22R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
2
Pin configuration
Figure 3. Pin configuration
Table 1. Pin description
Symbol
SOT323-5L
DFN6-2x2
Flip-Chip4
Description
VIN
1
6
A1
LDO supply voltage
VOUT
5
1
A2
LDO output voltage
GND
2
3
B2
Ground
EN
3
4
B1
Enable input: set VEN = high to turn on the device;
VEN = low to turn off the device. Not internally
pulled-up, don’t leave floating.
NC/ADJ
4
2
-
Adjustable pin (only on ADJ version). Connect to
external resistor divider. Not connected on the
fixed version
NC
-
5
-
Not internally connected: it can be connected to
GND
Exposed
pad
-
Exposed pad
-
Must be connected to GND
STLQ020
Pin configuration
DS12072 - Rev 3
page 3/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com