Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8S003F3 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM8S003F3
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM8S003F3 Datasheet HTML 7Page - STMicroelectronics STM8S003F3 Datasheet HTML 8Page - STMicroelectronics STM8S003F3 Datasheet HTML 9Page - STMicroelectronics STM8S003F3 Datasheet HTML 10Page - STMicroelectronics STM8S003F3 Datasheet HTML 11Page - STMicroelectronics STM8S003F3 Datasheet HTML 12Page - STMicroelectronics STM8S003F3 Datasheet HTML 13Page - STMicroelectronics STM8S003F3 Datasheet HTML 14Page - STMicroelectronics STM8S003F3 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 103 page
background image
DS7147 Rev 10
11/103
STM8S003F3 STM8S003K3
Block diagram
29
3
Block diagram
Figure 1. STM8S003F3/K3 value line block diagram
XTAL 1-16 MHz
RC int. 16 MHz
RC int. 128 kHz
STM8 core
Debug/SWIM
UART1
I2C
SPI
AWU timer
Reset block
Reset
POR
BOR
Clock controller
Detector
Clock to peripherals and core
400 Kbit/s
8Mbit/s
up to 5
Window WDG
8 Kbyte
128 byte
1 Kbyte RAM
ADC1
Reset
Single wire
debug interface
program Flash
data EEPROM
16-bit general purpose
16-bit advanced control
timer (TIM1)
timer (TIM2)
8-bit basic timer
(TIM4)
Beeper
1/2/4 kHz beep
Independent WDG
4 CAPCOM
channels
Up to
3 CAPCOM
channels
Up to
+ 3 complementary
outputs
LIN master
channels
SPI emul.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com