Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLQ020J18R Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLQ020J18R
Description  200 mA ultra-low quiescent current LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ020J18R Datasheet(HTML) 5 Page - STMicroelectronics

  STLQ020J18R Datasheet HTML 1Page - STMicroelectronics STLQ020J18R Datasheet HTML 2Page - STMicroelectronics STLQ020J18R Datasheet HTML 3Page - STMicroelectronics STLQ020J18R Datasheet HTML 4Page - STMicroelectronics STLQ020J18R Datasheet HTML 5Page - STMicroelectronics STLQ020J18R Datasheet HTML 6Page - STMicroelectronics STLQ020J18R Datasheet HTML 7Page - STMicroelectronics STLQ020J18R Datasheet HTML 8Page - STMicroelectronics STLQ020J18R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
4
Maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
Input supply voltage
-0.3 to 7
V
VOUT
Output voltage
-0.3 to VIN + 0.3
V
VADJ
Adjustable pin voltage
-0.3 to 2
V
IOUT
Output current
Internally limited
A
EN
Enable pin voltage
-0.3 to VIN + 0.3
V
PD
Power dissipation
Internally limited
W
ESD
Charged device model
±500
V
Human body model
±2000
TJ-OP
Operating junction temperature
-40 to 125
°C
TJ-MAX
Maximum junction temperature
150
°C
TSTG
Storage temperature
-55 to 150
°C
Table 3. Thermal data
Symbol
Parameter
DFN6-2x2
Flip-Chip4
SOT323-5L
Unit
Rthjc
Thermal resistance, junction-to-case
15
130
°C/W
Rthja
Thermal resistance, junction-to-ambient
65
180
250
°C/W
STLQ020
Maximum ratings
DS12072 - Rev 3
page 5/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com