Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC62LS2008AI Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UC62LS2008AI
Description  Low Power CMOS SRAM 256K X 8 Bits
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UC62LS2008AI Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UC62LS2008AI Datasheet HTML 1Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 2Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62LS2008AI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Low Power CMOS SRAM
256K X 8 Bits
UC62LS2008
-20/-25
PIN DESCRIPTION
Name
Type
Function
A0 – A17
Input
Address inputs for selecting one of the 262,144 x 8 bit words in the RAM
CE\,CE2
Input
CE\ is active LOW. CE2 is active HIGH.Chip enable must be active when data read from or write
to the device. If chip enable is not active, the device is deselected and not in a standby power
down mode. The DQ pins will be in high impedance state when the device is deselected.
WE\
Input
The Write enable input is active LOW and controls read and write operations. With the chip
selected, when WE\ is HIGH and OE\ is LOW, output data will be present on the DQ pins, when
WE\ is LOW, the data present on the DQ pins will be written into the selected memory location.
OE\
Input
The output enable input is active LOW. If the output enable is active while the chip is selected
and the write enable is inactive, data will be present on the DQ pins and they will be enabled.
The DQ pins will be in the high impedance state when OE\ is inactive.
DQ0 – DQ7
I/O
These 8 bi-directional ports are used to read data from or write data into the RAM.
Vcc
Power
Power Supply
Gnd
Power
Ground
TRUTH TABLE
Mode
WE\
CE\
CE2
OE\
I/O state
Vcc Current
Not Selected
X
H
X
X
High Z
ISB,ISB1
Not Selected
X
X
L
X
High Z
ISB,ISB1
Output Disabled
H
L
H
H
High Z
ICC
Read
H
L
H
L
DOUT
ICC
Write
L
L
H
X
DIN
ICC
ABSOLUTE MAXIMUM RATINGS
(1)
SYMBOL
PARAMETER
RATING
UNIT
VTERM
Terminal Voltage with
Respect to GND
-0.5 to VCC+0.5
V
TBIAS
Temperature Under Bias
-40 to 125
℃
TSTG
Storage Temperature
-50 to 150
℃
PT
Power Dissipation
0.5
W
IOUT
DC Output Current
10
mA
1. Stresses greater than those listed under ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
OPERATING RANGE
RANGE
AMBIENT
TEMPERATURE
VCC
Commercial
0℃ to 70℃
3.0V ~ 3.6V
CAPACITANCE
(1)(TA=25℃,f=1.0MHz)
SYMBOL
PARAMETER
CONDITIONS MAX.
UNIT
CIN
Input
Capacitance
VIN=0V
6
pF
CDQ
Input/Output
Capacitance
VDQ
8
pF
1. This parameter is guaranteed and not 100% tested.
U-Chip Technology Corp. LTD.
Preliminary
Rev.1.0
Reserves the right to modify document contents without notice.
PAGE
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com