Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLQ020J33R Datasheet(PDF) 24 Page - STMicroelectronics

Part # STLQ020J33R
Description  200 mA ultra-low quiescent current LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ020J33R Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STLQ020J33R Datasheet HTML 20Page - STMicroelectronics STLQ020J33R Datasheet HTML 21Page - STMicroelectronics STLQ020J33R Datasheet HTML 22Page - STMicroelectronics STLQ020J33R Datasheet HTML 23Page - STMicroelectronics STLQ020J33R Datasheet HTML 24Page - STMicroelectronics STLQ020J33R Datasheet HTML 25Page - STMicroelectronics STLQ020J33R Datasheet HTML 26Page - STMicroelectronics STLQ020J33R Datasheet HTML 27Page - STMicroelectronics STLQ020J33R Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Table 8. DFN6 2x2 package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.75
0.85
0.95
A1
0.00
0.02
0.05
A3
0.10
0.20
0.30
b
0.18
0.23
0.28
D
1.90
2.00
2.10
D2
1.33
1.43
1.53
E2
0.68
0.78
0.88
e
0.50
E
1.90
2.00
2.10
L
0.25
0.35
0.45
N
6
Figure 43. DFN6 2x2 recommended footprint
STLQ020
DFN6 2x2 package information
DS12072 - Rev 3
page 24/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com